Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4412FGML Datasheet(PDF) 2 Page - ebm-papst

Part # 4412FGML
Description  DC axial fans
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4412FGML Datasheet(HTML) 2 Page - ebm-papst

  4412FGML Datasheet HTML 1Page - ebm-papst 4412FGML Datasheet HTML 2Page - ebm-papst 4412FGML Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
164
Speed signal /2
– Speed-proportional rectangular pulse for external speed monitoring of fan motor
– 2, 3 or 6 pulses per revolution
– Open collector signal output
– Extremely wide operating voltage range
– Easy adaptation to user interface
– Connection via separate lead
– The sensor signal also serves as a major comparison variable for setting and
maintaining the setpoint speed for interactive or controlled cooling with one or
several interconnected fans.
Electrical connection
All voltages measured to ground.
External load resistor Ra / US / UBS required.
Alle TD Lüfter. Bsp.: 6400 TD
Signal data
Type
VDC
mA
VDC
mA
VDC
mA
Page
250
≤ 0,4
2
≤ 30
0
30
2
2
31
400 F
≤ 0,4
1
≤ 30
0
30
2
2
32
400
≤ 0,4
1
≤ 30
0
30
2
2
33
420 J
≤ 0,4
2
≤ 15
0
15
4
2
34
500 F
≤ 0,4
1
≤ 30
0
30
2
2
35
600 F
≤ 0,4
1
≤ 30
0
30
2
2
36
620
≤ 0,4
2
≤ 30
0
30
4
2
37
630 U
≤ 0,4
2
≤ 30
0
30
4
2
38
600 N
≤ 0,4
2
≤ 28
0
28
4
2
39
600 J
≤ 0,4
2
≤ 30
0
30
4
2
41
700 F
≤ 0,4
2
≤ 30
0
30
4
2
42
8450
≤ 0,4
2
≤ 28
0
28
4
2
43
8400 N
≤ 0,4
2
≤ 28
0
28
4
2
44
8400 N VARIOFAN
≤ 0,4
2
≤ 30
0
30
4
2
45
8300
≤ 0,4
2
≤ 30
0
30
4
2
46
8200 J
≤ 0,4
2
≤ 30
0
30
4
2
47
3400 N
≤ 0,4
2
≤ 28
0
28
4
2
48
3400 N VARIOFAN
≤ 0,4
2
≤ 30
0
30
4
2
49
3300
≤ 0,4
2
≤ 30
0
30
4
2
50
3300 N
≤ 0,4
2
≤ 30
0
30
4
2
51
3212 J / 3214 J
≤ 0,4
2
≤ 30
0
30
4
2
52
3218 J
≤ 0,4
2
≤ 60
0
60
4
2
52
3250 J
≤ 0,4
2
≤ 60
0
60
4
3
53
4412 F / 4414 F
≤ 0,4
2
≤ 30
0
30
4
2
54
4418 F
≤ 0,4
2
≤ 60
0
60
4
2
54
4400 FN
≤ 0,4
2
≤ 30
0
30
4
2
55
4312 / 4314
≤ 0,4
2
≤ 30
0
30
4
2
56
4318
≤ 0,4
2
≤ 60
0
60
4
2
56
4312 / 4314 VARIOFAN
≤ 0,4
2
≤ 30
0
30
4
2
57
4318 VARIOFAN
≤ 0,4
2
≤ 60
0
60
4
2
57
4400
≤ 0,4
2
≤ 30
0
30
4
2 58/59
4100 N
≤ 0,4
2
≤ 30
0
30
4
2
60
4100 NHH...NH6
≤ 0,4
2
≤ 60
0
60
10
2
61
4100 NH7...NH8
≤ 0,4
2
≤ 60
0
60
20
3
62
DV 4100
≤ 0,4
2
≤ 30
0
30
4
2
63
Subject to alternations
Ra



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com