Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4448HT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBD4448HT
Description  150mW Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBD4448HT Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBD4448HT_13 Datasheet HTML 1Page - Micro Commercial Components MMBD4448HT_13 Datasheet HTML 2Page - Micro Commercial Components MMBD4448HT_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBD4448HT/
150mW
Switching Diodes
Features
•
Fast Switching Speed
•
For General Purpose Switching Applications
•
High Conductance, Power Dissipation
•
Ultra-Small Surface Mount Package
Maximum Ratings
Symbol
Rating
Rating
Unit
VRM
Non-Repetitive Peak Reverse Voltage
100
V
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
80
V
VR(RMS)
RMS Reverse Voltage
57
V
IFM
Forward Continuous Current
500
mA
IO
Average Rectified Output Current
250
mA
IFSM
Peak Forward Surge Current @1.0
­s
@1.0s
4.0
2.0
A
R©JA
Thermal Resistance Junction to Ambient
833
/W
PD
Power dissipation
150
mW
TJ
Junction Temperature
150
TSTG
Storage Temperature
-65 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Test Conditions
V(BR)
Reverse Breakdown Voltage
80V
---
IR=2.5
­A
IR
Reverse Voltage Leakage
Current
---
0.1
­A
25 nA
VR=70V
VR=20V
VF
Forward Voltage
0.62
---
---
---
0.72V
0.855V
1.0V
1.25V
IF=5.0mA
IF=10mA
IF=100mA
IF=150mA
CT
Total Capacitance
---
3.5pF
VR=6V, f=1MHZ
trr
Reverse Recovery Time
---
4.0ns
IF=5mA,
VR=6V
www.mccsemi.com
Revision: B
2013/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
HTA/HTC/HTS
TM
Micro Commercial Components
1 of 3
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.030
.033
0.75
0.85
C
.057
.069
1.45
1.75
D
.020 Nominal
0.50Nominal
E
.035
.043
0.90
1.10
G
.000
.004
.000
.100
H
.028
.031
.70
0.80
J
.004
.008
.100
.200
K
.010
.014
.25
.35
A
C
B
D
E
G
H
J
DIMENSIONS
K
SOT-523
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - MMBD4448HT_13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT_1 Datasheet
76Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 9 - 2
logo
SeCoS Halbleitertechnol...
MMBD4448HT SECOS-MMBD4448HT_15 Datasheet
285Kb / 2P
Plastic-Encapsulated Switching Diode
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT_15 Datasheet
88Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
Rev 13
More results

Similar Description - MMBD4448HT_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4448X MCC-1N4448X Datasheet
468Kb / 4P
150mW Switching Diodes
1N4448X MCC-1N4448X_11 Datasheet
220Kb / 4P
150mW Switching Diodes
BAS16V MCC-BAS16V Datasheet
298Kb / 3P
150mW Switching Diodes
MMBD4448HT MCC-MMBD4448HT Datasheet
185Kb / 3P
150mW Switching Diodes
MMBD4448V MCC-MMBD4448V Datasheet
197Kb / 3P
150mW Switching Diodes
1N4448X MCC-1N4448X_13 Datasheet
267Kb / 4P
150mW Switching Diodes
1SS193-13 MCC-1SS193-13 Datasheet
552Kb / 3P
150mW Switching Diodes
1SS196 MCC-1SS196_13 Datasheet
565Kb / 3P
150mW Switching Diodes
BAS16V MCC-BAS16V_13 Datasheet
325Kb / 3P
150mW Switching Diodes
MMBD4448V MCC-MMBD4448V_13 Datasheet
232Kb / 3P
150mW Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com