Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPR5 Datasheet(PDF) 1 Page - TT Electronics.

Part # BPR5
Description  3W to 50W Planar Shock
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BPR5 Datasheet(HTML) 1 Page - TT Electronics.

  BPR5 Datasheet HTML 1Page - TT Electronics. BPR5 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3W to 50W Planar Shock / Vibration
Proof High Power Resistors
BPR Series
Non-Inductiveplanarpackage
Highpowerdensity.
ThinpackageforhighdensityPCBinstallation.
Powerdissipatedabovetheboard.
Superiorvibrationdurability
Applications
Idealforextrememechanicallystressedenvironments.
Powersupplypre-loadresistors.
UPSsystems
Snubberandpulsehandlingcircuits.
Pulsegeneratorloadresistors.
In-rushcurrentprotection
BleederResistors
Model
BPR3
BPR5
BPR7
BPR10
BPR30
BPR50
DimA
0.50
12.70
0.50
12.70
1.00
25.40
1.00
25.40
2.10
53.34
2.10
53.34
DimB
0.60
15.24
1.00
25.40
0.75
19.05
1.00
25.40
1.40
35.56
2.00
50.80
DimC
0.67
17.02
1.07
27.18
0.82
20.82
1.07
27.18
1.47
37.34
2.07
52.58
DimD
0.30
7.62
0.30
7.62
0.80
20.32
0.80
20.32
1.90
48.26
1.90
48.26
Lead:TinPlatedCopperAlloy
Substrate:96%Alumina
Resistor:ThickFilm
Specification,DimensionsandMaterials
Items
Specification
Conditions
PowerRating
3W,5W,7W,10W,30W&50W
@ambienttemp70°C(3-7W),50°C(10-30W)&25°C(50W)
OperatingVoltageMax
300Vac,500VDC
ResistanceRange
BPR3-30:0.1Ωto200kΩBPR50:1Ωto1kΩ
Extendedresistancerangeavailable.
TCR
100ppm/°C
For-55to+155°Candabove1Ω
Tolerance
+/-5%,optional1%,2%
OperatiingTemp.Range
-55-+155°C
DielectricWithstandVoltage
5KVminimum
MechanicalShock
ΔR+/-0.25%
100G.
LoadLife
ΔR+/-2.0%
90min.ON,30min.OFF,1000hours.
Humidity
ΔR+/-0.5%
85°C,85%RH,DC0.1W,1000hours.
TemperatureCycle
ΔR+/-0.5%
-55°C,30min.,+155°C30min.,5cycles.
SolderHeat(Max)
ΔR+/-0.25%
250+/-5°C,10seconds,
Solderability
Min95%coverage
230+/-5°C,5seconds.
InsulationResistance
Over1000MΩ
Betweenterminalsandmetalbackplate.
Vibration
ΔR+/-0.25%
20G,10Hzto2KHz.
Notes:
1.Contactfactoryforcustomproducts,non-standardvaluesandtolerances.
Dim. A ±.005
±
0.13
Dim. B ±.005
±
0.13
Dim. D ±.015
±
0.38
Dim. C ±.020
±
0.51
.020±.005
0.51±0.13
.040±.005
1.02±0.13
.040±.005
1.02±0.13
.200±.002
5.08±0.05
.200±.020
5.08±0.51
BPR
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
11.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Similar Part No. - BPR5

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BPR5 TTELEC-BPR5 Datasheet
308Kb / 2P
3W to 50W Planar Shock / Vibration Proof High Power Resistors
01.16
BPR50 TTELEC-BPR50 Datasheet
308Kb / 2P
3W to 50W Planar Shock / Vibration Proof High Power Resistors
01.16
logo
Bi technologies
BPR50500F BITECH-BPR50500F Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
BPR50500G BITECH-BPR50500G Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
BPR50500J BITECH-BPR50500J Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
More results

Similar Description - BPR5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MAR-8A MINI-MAR-8A Datasheet
61Kb / 1P
Monolithic Amplifier 50W, DC to 1000 MHz
logo
Bi technologies
BPC BITECH-BPC Datasheet
1Mb / 2P
3W to 10W PLANAR HIGH POWER RESISTORS
BPR BITECH-BPR Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
MHP50 BITECH-MHP50 Datasheet
1Mb / 2P
50W TO-220 HIGH POWER RESISTORS
logo
Volgen Kaga Electronics...
STD-0905P VOLGEN-STD-0905P Datasheet
125Kb / 2P
ADAPTER - 50W
logo
Marl International Limi...
258-501-64-3812 MARL-258-501-64-3812_15 Datasheet
204Kb / 4P
Durable to shock and vibration
255-501-64-38 MARL-255-501-64-38_14 Datasheet
277Kb / 5P
Durable to shock and vibration
logo
Jinan Jing Heng Electro...
3EZ200D5 JINGHENG-3EZ200D5 Datasheet
70Kb / 2P
3W SILICON PLANAR ZENER DIODES
logo
TT Electronics.
BPC TTELEC-BPC_17 Datasheet
283Kb / 2P
3W to 10W Planar High Power Resistors
logo
Shenzhenshi YONGFUKANG ...
CS8626E YONGFUKANG-CS8626E Datasheet
4Mb / 14P
50W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com