Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCW-7 Datasheet(PDF) 1 Page - TT Electronics.

Part # CCW-7
Description  Commercial Grade Power Axial Wirewound Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CCW-7 Datasheet(HTML) 1 Page - TT Electronics.

  CCW-7 Datasheet HTML 1Page - TT Electronics. CCW-7 Datasheet HTML 2Page - TT Electronics. CCW-7 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Commercial Grade Power
Axial Wirewound Resistor
CCW Series
Power ratings from 1/2W to 9W
Non-inductive windings available
Ceramic core wirewound resistor
Resistance range from 0.1Ω to 1.5kΩ
Welded construction, conformal coating
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Commercial Grade Power
Axial Wirewound Resistor
Environmental Data
Electrical Data
CCW Series
• Power ratings from 1/2W to 9W
• Non-inductive windings available
• Ceramic core wirewound resistor
• Resistance range from 0.1
Ω to 1.5Ω
• Welded construction, conformal coating
*For resistance values outside these ranges, contact factory.
Short-time overload
∆R/R ≤ (±2% + 0.05Ω), 2.5 Nominal power for 5 seconds
Dielectric withstanding voltage
1000V
Resistance to Soldering heat
∆R/R ≤ (±1% + 0.05Ω)
Operating temperature range
-55°C to 275°C
CCW Series Issue August 2008 Sheet 1 of 3
IRC Type
Power
rating at
70°C (W)
Resistance
Range*
(Ohms)
Tolerance
(±%)
Temperature Coefficient of Resistance
(±ppm/°C)
CCW - 1/2
0.5
0.1 - 39
2, 5, 10
300 (
≥20Ω)
400 (<20
Ω)
CCW - 1
1
0.1 - 50
2, 5, 10
CCW - 2
2
0.1 - 120
2, 5, 10
CCW - 3
3
0.1 - 200
2, 5, 10
CCW - 5
5
0.5 - 470
2, 5, 10
CCW - 7
7
0.5 - 470
2, 5, 10
CCW - 8
8
1 - 1.5K
2, 5, 10
CCW - 9
9
1 - 1.5K
2, 5, 10
Resistors
All parts are Pb-free and comply with EU Directive 2011/65/EU (RoHS2)
BI Technologies IRC Welwyn
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
NOT RECOMMENDED FOR NEW DESIGNS


Similar Part No. - CCW-7

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CCW-7 IRCTT-CCW-7 Datasheet
322Kb / 3P
Commercial Grade Power Axial Wirewound Resistor
CCW-7-1000-G-LF-BLK IRCTT-CCW-7-1000-G-LF-BLK Datasheet
322Kb / 3P
Commercial Grade Power Axial Wirewound Resistor
CCW-7-1000-J-LF-BLK IRCTT-CCW-7-1000-J-LF-BLK Datasheet
322Kb / 3P
Commercial Grade Power Axial Wirewound Resistor
CCW-7-1000-K-LF-BLK IRCTT-CCW-7-1000-K-LF-BLK Datasheet
322Kb / 3P
Commercial Grade Power Axial Wirewound Resistor
CCW-7-1001-G-LF-BLK IRCTT-CCW-7-1001-G-LF-BLK Datasheet
322Kb / 3P
Commercial Grade Power Axial Wirewound Resistor
More results

Similar Description - CCW-7

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CAW IRCTT-CAW Datasheet
245Kb / 3P
Commercial Grade Axial Lead Power Wirewound & Film Resistor
CCW IRCTT-CCW Datasheet
322Kb / 3P
Commercial Grade Power Axial Wirewound Resistor
logo
Ohmite Mfg. Co.
HSN100FR05E OHMITE-HSN100FR05E Datasheet
201Kb / 1P
HSN100FR05E Wirewound, Industrial/Commercial Grade
logo
Vishay Siliconix
CPHV VISHAY-CPHV Datasheet
90Kb / 3P
Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
14-Aug-12
AC03 VISHAY-AC03 Datasheet
94Kb / 4P
Axial Cemented Wirewound Safety Resistor
24-May-12
logo
Ohmite Mfg. Co.
HS100F1R0E OHMITE-HS100F1R0E Datasheet
210Kb / 2P
Aluminum Housed Axial Terminal Wirewound, Industrial/Commercial Grade
logo
Vishay Siliconix
CPW VISHAY-CPW Datasheet
99Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
09-Jan-12
CA0001 VISHAY-CA0001 Datasheet
86Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
05-Feb-2020
MRP VISHAY-MRP Datasheet
87Kb / 3P
Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
07-May-12
CA VISHAY-CA Datasheet
98Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com