Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH-1/4502205FLF Datasheet(PDF) 1 Page - TT Electronics.

Part # CGH-1/4502205FLF
Description  Precision High-Voltage Thick Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CGH-1/4502205FLF Datasheet(HTML) 1 Page - TT Electronics.

  CGH-1/4502205FLF Datasheet HTML 1Page - TT Electronics. CGH-1/4502205FLF Datasheet HTML 2Page - TT Electronics. CGH-1/4502205FLF Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Precision High-Voltage
Thick Film Resistors
CGH Series
1/4 watt to 5 watt
TCR of ±50 or ±100 ppm/°C
100K ohm to 2000 megohm range
±0.5%, ±1%, ±2% or ±5% tolerance
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Precision High-Voltage
Thick Film Resistors
Electrical Data
CGH Series
• 1/4 watt to 5 watt
• TCR of ±50 or ±100 ppm/°C
• 100K ohm to 2000 megohm range
• ±0.5%, ±1%, ±2% or ±5% tolerance
IRC Type
Power Rating
at 70°C (watts)¹
Voltage Rating
(volts)²
Resistance
Range (ohms)³
Tolerance
(±%)4
Maximum TCR
(±ppm/°C)4
VCR (ppm/V)5
CGH - 1/4
1/4
750
100K - 100M
.5, 1, 2, 5
50, 100
0 - -5
CGH - 1/2
1/2
1,500
100K - 500M
CGH - 1
1
3,000
50K - 750M
CGH - 2
2
5,000
100K - 1500M
CGH - 3
3
10,000
200K - 2000M
CGH - 5
5
20,000
300K - 2000M
Notes:
1. For power rating above 70°C, see derating curve.
2. Voltage rating shown is the rated DC continuous working voltage or the sine-wave RMS absolute maximum voltage at commercial line fre-
quency. For DC applications the absolute maximum permissible voltage is 1.5 times the value shown for low repetition short-time-overload or
pulse conditions of 10 seconds or less duration.
3. Contact factory for higher resistance values.
4. For CGH-1 and 2 above 500 meg and CGH-3 and 5 above 1000M only 2 and 5% tolerance and 100 ppm/°C TCR available.
5. Typical voltage coefficient of resistance is -1 to -2 ppm/V measured at fulll rated voltage and 10% rated voltage.
Power Derating Curve
80
100
120
140
160
180
100
90
80
70
60
50
40
30
20
10
0
Ambient Temperature (°C)
Temperature Rise Chart
Temperature Rise (°C)
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90
CGH 1/4
CGH 1/2
CGH 1
CGH 2-3
CGH 5
CGH Series Issue June 2009 Sheet 1 of 3
High thermal
conductivity substrate
High thermal
conductivity substrate
Resistors
All Pb-free parts comply with EU Directive 2011/65/EU (RoHS2)
12.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Similar Part No. - CGH-1/4502205FLF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CGH-1 TTELEC-CGH-1 Datasheet
304Kb / 3P
100K ohm to 2000 megohm range
More results

Similar Description - CGH-1/4502205FLF

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
High Voltage Thick film Resistors
T43D WELWYN-T43D Datasheet
164Kb / 2P
High Voltage Precision Thick Film Resistors
logo
IRC - a TT electronics ...
CGH IRCTT-CGH Datasheet
90Kb / 3P
Precision High-Voltage Thick Film Resistors
CGX IRCTT-CGX Datasheet
236Kb / 2P
Precision High-Voltage Thick-Film Resistors
logo
Panasonic Semiconductor
ERJ-6ENF1001V PANASONIC-ERJ-6ENF1001V Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
High Voltage / Thick Film Resistors
logo
Panasonic Semiconductor
ERJPB3B1002V PANASONIC-ERJPB3B1002V Datasheet
59Kb / 2P
High Precision Thick Film Chip Resistors
logo
TT Electronics.
CGX TTELEC-CGX Datasheet
339Kb / 2P
Precision High-Voltage Thick Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com