Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH-1/4502205FLF Datasheet(PDF) 2 Page - TT Electronics.

Part # CGH-1/4502205FLF
Description  Precision High-Voltage Thick Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CGH-1/4502205FLF Datasheet(HTML) 2 Page - TT Electronics.

  CGH-1/4502205FLF Datasheet HTML 1Page - TT Electronics. CGH-1/4502205FLF Datasheet HTML 2Page - TT Electronics. CGH-1/4502205FLF Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Precision High-Voltage
Thick Film Resistors
CGH Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Precision High-Voltage
Thick Film Resistors
Environmental Data
Test Condition¹
Maximum ∆R
(±3σ)
Typical² ∆R
Temperature Shock
±0.25%
±0.10%
Short-Time Overload (1.5 times rated V for 10 sec)
±0.20%
±0.10%
Solder Effect
±0.15%
±0.05%
Terminal Strength
±0.20%
±0.05%
Moisture Resistance (no load or polar)
±0.50%
±0.20%
Load Life (1000 hours at 70°C)
±1.00%
±0.25%
Shelf Life (1 year at 25°C)
±0.10%
±0.03%
High-Temperature Exposure (150°C for 2000 hours)
(175°C for 2000 hours)
±0.75%
±0.30%
±1.0%
±0.40%
Dielectric Breakdown³ (1/4 and 1/2 watt size)
(1 watt through 5 watt size)
2000 VDC, 1500 VAC
3500 VDC, 2500 VAC
Dielectric Strength4
±0.15%
±0.05%
Insulation Resistance at 500 VDC
109 ohms typ.
1011 ohms typ.
Notes:
1. Test method per MIL-STD-202 unless otherwise indicated.
2. Typical defined as that percent change which will include a minimum of 50% of the measured changes in resistance from a variety of lots
representing various unit sizes and ranges.
3. Values shown are the maximum safe dielectric voltage applied from a V block or foil wrapping which extends the complete body length of the
resistor under test.
4. Percent change after the maximum safe dielectric voltage is applied for 1 minute.
CGH Series Issue June 2009 Sheet 2 of 3
12.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com