Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB930 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPB930
Description  Slotted Optical Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB930 Datasheet(HTML) 4 Page - TT Electronics.

  OPB930 Datasheet HTML 1Page - TT Electronics. OPB930 Datasheet HTML 2Page - TT Electronics. OPB930 Datasheet HTML 3Page - TT Electronics. OPB930 Datasheet HTML 4Page - TT Electronics. OPB930 Datasheet HTML 5Page - TT Electronics. OPB930 Datasheet HTML 6Page - TT Electronics. OPB930 Datasheet HTML 7Page - TT Electronics. OPB930 Datasheet HTML 8Page - TT Electronics. OPB930 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue B
10/2016
Page 4
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
-
-
1.7
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR = 2.0 V
Output Photologic® Sensor
VCC
Operating D.C. Supply Voltage
4.75
-
5.25
V
-
ICCL
Low Level Supply Current:
Totem Pole & Open-Collector
-
-
15
mA
VCC = 5.25, IF = 0 mA
(1)
Inverted Totem-Pole &
Inverted Open-Collector
-
-
15
mA
VCC = 5.25, IF = 15 mA
ICCH
High Level Supply Current:
Totem Pole & Open-Collector
-
-
15
mA
VCC = 5.25, IF = 15 mA
Inverted Totem-Pole &
Inverted Open-Collector
-
-
15
mA
VCC = 5.25, IF = 0 mA
(1)
VOL
Low Level Output Voltage:
Totem Pole & Open-Collector
-
-
0.4
V
VCC = 4.75, IOL = 12.8 mA, IF = 0 mA
(1)
Inverted Totem-Pole &
Inverted Open-Collector
-
-
0.4
V
VCC = 4.75, IOL = 12.8 mA, IF = 15 mA
VOH
High Level Output Voltage:
Totem-Pole & Open-Collector
2.4
-
-
V
VCC = 4.75, IOH = -800 µA, IF = 15 mA
Inverted Totem-Pole &
Inverted Open-Collector
2.4
-
-
V
VCC = 4.75, IOH = -800 µA, IF = 0 mA
(1)
IOH
High Level Output Current:
Totem Pole & Open-Collector
-
-
100
µA
VCC = 4.75, VOH = 30 V, IF = 15 mA,
Inverted Totem-Pole &
Inverted Open-Collector
-
-
100
µA
VCC = 4.75, VOH = 30 V, IF = 0 mA
(1)
IF(+)
LED Positive-Going Threshold Current
-
-
15
mA
VCC = 5.0 V
IF(+), IF(-) Hysteresis
-
2.0
-
V
VCC = 5.0 V
Short Circuit Output Current:
Totem Pole & Open-Collector
-15
-
-60
mA
VCC = 5.25 V, IF = 15 mA, Output =
GND
IOS
Inverted Totem-Pole &
Inverted Open-Collector
-15
-
-60
mA
VCC = 5.25 V, IF = 0 mA
(1), Output =
GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com