Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB930 Datasheet (PDF) - TT Electronics.

OPB930 Datasheet PDF - TT Electronics.
Part # OPB930
Download  OPB930 Download
File Size   751.76 Kbytes
Page   9 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slotted Optical Switch

OPB930 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB930 Datasheet PDF - TT Electronics.

Part # OPB930
Download  OPB930 Click to download

File Size   751.76 Kbytes
Page   9 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slotted Optical Switch

OPB930 Datasheet (HTML) - TT Electronics.


OPB930 Product details

Description:
The OPB930 and OPB940 series of Photologic® photo integrated circuit switches provide optimum flexibility for the design engineer. Building from a standard housing with a 0.125” (3.18 mm) wide slot, a user can specify the type and polarity of TTL output, discrete shell material, aperture width and either 0.350” (8.9 mm) long pins (L Series) or 24” (610 mm) AWG, UL listed wire leads (W Series).
All housings are made from an opaque grade of injection-molded plastic that minimizes the assembly’s sensitivity to both visible and near-infrared ambient radiation. Discrete shells (exposed on the parallel faces inside the device throat) are either IR transmissive plastic (for applications where aperture contamination may occur) or opaque plastic (for maximum protection against ambient light).
Electrical output can be specified as either TTL Totem Pole or TTL Open Collector, either of which can be supplied with buffer or inverter output polarity. All devices have the added stability of a built-in hysteresis amplifier.

Features:
• Choice of aperture size
• Choice of output configurations
• Choice of opaque or IR transmissive shell
• Choice of pins (L) or wires (W)
• 0.125” (3.18 mm) slot width
• 0.320” (8.128 mm) lead spacing for PCBoard (side mounting)
• Data rates to 250 kBaud

Applications:
• Mechanical switch replacement
• Speed indication (tachometer)
• Mechanical limit indication




Similar Part No. - OPB930

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB930 OPTEK-OPB930 Datasheet
317Kb / 7P
Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB930 ETC2-OPB930 Datasheet
283Kb / 7P
Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB930 OPTEK-OPB930 Datasheet
283Kb / 7P
Photologic짰 Slotted Optical Switch
OPB930L OPTEK-OPB930L Datasheet
417Kb / 4P
Photologic Slotted Optical Switches
OPB930L51 OPTEK-OPB930L51 Datasheet
417Kb / 4P
Photologic Slotted Optical Switches
More results


Similar Description - OPB930

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
slotted optical switch
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
Slotted Optical Switch
1/16
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
Slotted Optical Switch
logo
TT Electronics.
OPB660N TTELEC-OPB660N Datasheet
692Kb / 3P
Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
Slotted Optical Switch
OPB819Z TTELEC-OPB819Z Datasheet
546Kb / 3P
Slotted Optical Switch
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
Slotted Optical Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com