Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA231AIYFDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFDR
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231AIYFDR Datasheet(HTML) 2 Page - Texas Instruments

  INA231AIYFDR Datasheet HTML 1Page - Texas Instruments INA231AIYFDR Datasheet HTML 2Page - Texas Instruments INA231AIYFDR Datasheet HTML 3Page - Texas Instruments INA231AIYFDR Datasheet HTML 4Page - Texas Instruments INA231AIYFDR Datasheet HTML 5Page - Texas Instruments INA231AIYFDR Datasheet HTML 6Page - Texas Instruments INA231AIYFDR Datasheet HTML 7Page - Texas Instruments INA231AIYFDR Datasheet HTML 8Page - Texas Instruments INA231AIYFDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
2
INA231
SBOS644B – FEBRUARY 2013 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics .......................................... 5
7.6
Timing Requirements: I2C Bus.................................. 6
7.7
Typical Characteristics .............................................. 7
8
Detailed Description ............................................ 10
8.1
Overview ................................................................. 10
8.2
Functional Block Diagram ....................................... 10
8.3
Feature Description................................................. 10
8.4
Device Functional Modes........................................ 14
8.5
Programming .......................................................... 15
8.6
Register Maps ......................................................... 22
9
Application and Implementation ........................ 28
9.1
Application Information............................................ 28
9.2
Typical Applications ................................................ 30
10
Power Supply Recommendations ..................... 32
11
Layout................................................................... 32
11.1
Layout Guidelines ................................................. 32
11.2
Layout Example .................................................... 32
12
Device and Documentation Support ................. 33
12.1
Receiving Notification of Documentation Updates 33
12.2
Community Resources.......................................... 33
12.3
Trademarks ........................................................... 33
12.4
Electrostatic Discharge Caution ............................ 33
12.5
Glossary ................................................................ 33
13
Mechanical, Packaging, and Orderable
Information ........................................................... 33
4 Revision History
Changes from Revision A (June 2017) to Revision B
Page
•
Changed NC pin description from "No internal connection" to "Do not connect, leave floating" .......................................... 3
•
Changed SCL max value from VS + 0.3 V to 6 V in Absolute Maximum Ratings table ......................................................... 4
•
Added text to end of Layout Guidelines section clarifying no connection of NC pins .......................................................... 32
Changes from Original (February 2013) to Revision A
Page
•
Added Device Information, Recommended Operating Conditions, and ESD Ratings tables, and Detailed
Description , Application and Implementation, Power Supply Recommendations, Layout, Device and Documentation
Support , and Mechanical, Packaging, and Orderable Information sections ......................................................................... 1
•
Added new WSCP-12 (YFD) package with 0.4-mm package height and associated content to data sheet......................... 1
•
Added operating ambient temperature, TA to Absolute Maximum Ratings table ................................................................... 4
•
Added new note 1 to Timing Requirements: I2C Bus section ............................................................................................... 6
•
Added test condition to Figure 2 ............................................................................................................................................ 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com