Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA231AIYFDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFDR
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231AIYFDR Datasheet(HTML) 1 Page - Texas Instruments

  INA231AIYFDR Datasheet HTML 1Page - Texas Instruments INA231AIYFDR Datasheet HTML 2Page - Texas Instruments INA231AIYFDR Datasheet HTML 3Page - Texas Instruments INA231AIYFDR Datasheet HTML 4Page - Texas Instruments INA231AIYFDR Datasheet HTML 5Page - Texas Instruments INA231AIYFDR Datasheet HTML 6Page - Texas Instruments INA231AIYFDR Datasheet HTML 7Page - Texas Instruments INA231AIYFDR Datasheet HTML 8Page - Texas Instruments INA231AIYFDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
´
Power Register
Current Register
I C
2
Interface
Voltage Register
INA231
GND
BUS
ADC
V
I
A0
A1
ALERT
SDA
SCL
C
0.1 F
BYPASS
m
High-
Side
Shunt
Low-
Side
Shunt
Load
Alert Register
V
(Supply Voltage)
S
Power Supply
(0 V to 28 V)
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA231
SBOS644B – FEBRUARY 2013 – REVISED AUGUST 2017
INA231 High- or Low-Side Measurement, Bidirectional Current and Power Monitor
With 1.8-V I2C Interface
1
1 Features
1
•
Bus Voltage Sensing From 0 V to 28 V
•
High- or Low-Side Sensing
•
Current, Voltage, and Power Reporting
•
High Accuracy:
–
0.5% Gain Error (Max)
–
50-μV Offset (Max)
•
Configurable Averaging Options
•
Programmable Alert Threshold
•
1.8-V I2C Compliant
•
Power-Supply Operation: 2.7 V to 5.5 V
•
Packages: 1.68-mm × 1.43-mm, WCSP-12
–
Low Profile, 0.4-mm Height (YFD Package)
2 Applications
•
Smartphones
•
Tablets
•
Servers
•
Computers
•
Power Management
•
Battery Chargers
•
Power Supplies
•
Test Equipment
3 Description
The INA231 is a current-shunt and power monitor
with a 1.8-V compliant I2C interface that features 16
programmable addresses. The INA231 monitors both
shunt
voltage
drops
and
bus
supply
voltage.
Programmable calibration value, conversion times,
and averaging combined with an internal multiplier
enable direct readouts of current in amperes and
power in watts.
The INA231 senses current on buses that vary from 0
V to 28 V, with the device powered from a single 2.7-
V to 5.5-V supply, drawing 330 μA (typical) of supply
current. The INA231 is specified over the operating
temperature range of –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA231
YFF (DSBGA-12)
1.645 mm x 1.388
mm x 0.625 mm
YFD (DSBGA-12)
1.645 mm x 1.388
mm x 0.400 mm
(1) For all available packages, see the package option addendum
at the end of the datasheet.
High-or Low-Side Sensing


Similar Part No. - INA231AIYFDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA231AIYFDR TI1-INA231AIYFDR Datasheet
1Mb / 44P
High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
More results

Similar Description - INA231AIYFDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA226 TI1-INA226 Datasheet
447Kb / 30P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
JUNE2011
INA231 TI-INA231 Datasheet
448Kb / 32P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA226AIDGST TI-INA226AIDGST Datasheet
961Kb / 33P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA231 TI-INA231_15 Datasheet
955Kb / 36P
High- or Low-Side Measurement,Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA233 TI1-INA233 Datasheet
681Kb / 48P
High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
INA231 TI1-INA231_17 Datasheet
1,021Kb / 37P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C Interface
INA231_017 TI1-INA231_017 Datasheet
1Mb / 44P
High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com