Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL403FDBK Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTL403FDBK
Description  Through Hole Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL403FDBK Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTL403FDBK Datasheet HTML 1Page - Lite-On Technology Corporation LTL403FDBK Datasheet HTML 2Page - Lite-On Technology Corporation LTL403FDBK Datasheet HTML 3Page - Lite-On Technology Corporation LTL403FDBK Datasheet HTML 4Page - Lite-On Technology Corporation LTL403FDBK Datasheet HTML 5Page - Lite-On Technology Corporation LTL403FDBK Datasheet HTML 6Page - Lite-On Technology Corporation LTL403FDBK Datasheet HTML 7Page - Lite-On Technology Corporation LTL403FDBK Datasheet HTML 8Page - Lite-On Technology Corporation LTL403FDBK Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical / Optical Characteristics at TA=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
Iv
50
140
240
mcd
IF = 10mA
Note 1,4
Viewing Angle
2θ1/2
-
40
-
deg
Note 2 (Fig.6)
Peak Emission
Wavelength
λp
-
611
-
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
598.0
605.0
613.5
nm
IF = 10mA
Note 3
Spectral Line Half-Width
Δλ
-
17
-
nm
Forward Voltage
VF
1.9
2.4
V
IF = 10mA
Reverse Current
IR
-
-
100
μA
VR = 5V
Note: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE (Commission International De L'Eclairage) eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
4. The Iv guarantee should be added ±15% .
5. Reverse voltage (VR) condition is applied for IR test only. The device is not designed for reverse
operation.
Part No. : LTL403FDBK
Page :
3
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com