Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL403FDBK Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # LTL403FDBK
Description  Through Hole Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL403FDBK Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTL403FDBK Datasheet HTML 3Page - Lite-On Technology Corporation LTL403FDBK Datasheet HTML 4Page - Lite-On Technology Corporation LTL403FDBK Datasheet HTML 5Page - Lite-On Technology Corporation LTL403FDBK Datasheet HTML 6Page - Lite-On Technology Corporation LTL403FDBK Datasheet HTML 7Page - Lite-On Technology Corporation LTL403FDBK Datasheet HTML 8Page - Lite-On Technology Corporation LTL403FDBK Datasheet HTML 9Page - Lite-On Technology Corporation LTL403FDBK Datasheet HTML 10Page - Lite-On Technology Corporation LTL403FDBK Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
8. Reliability Test
Classification
Test Item
Test Condition
Reference Standard
Endurance Test
Operation Life
Ta= Under Room Temperature As
Per Data Sheet Maximum Rating
Test Time= 1000HRS
MIL-STD-750D:1026
MIL-STD-883G:1005
High Temperature
High Humidity
Storage
Ta= 60
°C
RH= 90%
Test Time= 240HRS
MIL-STD-202G:103B
JEITA ED-4701:100 103
High Temperature
Storage
Ta= 105±5
°C
Test Time= 1000HRS
MIL-STD-750D:1031
MIL-STD-883G:1008
JEITA ED-4701:200 201
Low Temperature
Storage
Ta= -55±5
°C
Test Time=1000HRS
JEITA ED-4701:200 202
Environmental
Test
Temperature
Cycling
100
°C ~ 25°C~ -40°C ~ 25°C
30mins
5mins
30mins 5mins
30 Cycles
MIL-STD-750D:1051
MIL-STD-883G:1010
JEITA ED-4701:100 105
JESD22-A104C
Thermal
Shock
105 ± 5
°C ~ -30°C ± 5°C
15mins
~ 15mins
30 Cycles
(< 20 secs transfer)
MIL-STD-750D:1056
MIL-STD-883G:1011
MIL-STD-202G: 107G
JESD22-A106B
Solder
Resistance
(no pre-condition)
T.sol = 260 ± 5
°C Max.
Dwell Time = 10 ± 1 sec
MIL-STD-750D:2031
JEITA ED-4701:300 302
Solderability
(no pre-condition)
T. sol = 245 ± 5
°C
Dwell Time= 5 ± 0.5 sec
(Lead Free Solder , Coverage≥ 95% of
the dipped surface)
MIL-STD-750D:2026
MIL-STD-883G:2003
MIL-STD-202G: 208H
IPC/EIA J-STD-002
Soldering Iron
(no pre-condition)
T. sol = 350 ± 5
°C
Dwell Time= 3.5 ± 0.5 sec
MIL-STD-202G: 208H
JEITA ED-4701:300 302
9. Others
The appearance and specifications of the product may be modified for improvement, without prior notice.
Part No. :
LTL403FDBK
Page :
10
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com