Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46534 Datasheet(PDF) 92 Page - Dialog Semiconductor

Part # SLG46534
Description  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46534 Datasheet(HTML) 92 Page - Dialog Semiconductor

Back Button SLG46534 Datasheet HTML 88Page - Dialog Semiconductor SLG46534 Datasheet HTML 89Page - Dialog Semiconductor SLG46534 Datasheet HTML 90Page - Dialog Semiconductor SLG46534 Datasheet HTML 91Page - Dialog Semiconductor SLG46534 Datasheet HTML 92Page - Dialog Semiconductor SLG46534 Datasheet HTML 93Page - Dialog Semiconductor SLG46534 Datasheet HTML 94Page - Dialog Semiconductor SLG46534 Datasheet HTML 95Page - Dialog Semiconductor SLG46534 Datasheet HTML 96Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 172 page
background image
SLG46534_DS_107
Page 91 of 171
SLG46534
Each cell also has a hysteresis selection, to offer hysteresis of 0 mV, 25 mV, 50 mV or 200 mV. The 50 mV and 200 mV hysteresis
options can be used with internal voltage reference only, while 25 mV hysteresis option can be used with both internal and external
voltage reference. The 50 mV and 200 mV hysteresis options are one way hysteresis. It means that the actual thresholds will be
Vref (high threshold) and Vref - hysteresis (low threshold). The ACMP output will retain its previous value, if the input voltage is
within threshold window (between Vref and Vref - hysteresis). Please note: for the 25 mV hysteresis option threshold levels will
be Vref + hysteresis/2 (high threshold) and Vref – hysteresis/2 (low threshold).
Note: Any ACMP powered on enables the BandGap internal circuit as well. An analog voltage will appear on Vref even when the
Force BandGap option is set as Disabled.
For high input impedance when using the gain divider (x0.25, x0.33, x0.5), it is possible to use the input buffer. However, this will
add some offset, see Figure 53. It is not recommended to use ACMP buffer when VDD < 2.5 V.
Table 73. Gain Divider Input Resistance
Gain
x1
x0.5
x0.33
x0.25
Input Resistance
100 MΩ
1 MΩ
0.75 MΩ
1 MΩ
Table 74. Gain Divider Accuracy
Gain
x0.5
x0.33
x0.25
Accuracy
±0.51%
±0.34%
±0.25%
Figure 53. Typical Buffer Input Voltage Offset vs. Voltage Reference at T = (-40.... +85)°C,
Buffer Bandwidth = 1 kHz, Vhys = 0 mV, Gain = 1.
-40
-30
-20
-10
0
10
20
30
40
50
250
600
850
1200
VOLTAGE REFERENCE (mV)
Upper Limit @ VDD≥2.7V
Lower Limit @ VDD≥2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com