Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46534 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG46534
Description  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46534 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG46534 Datasheet HTML 17Page - Dialog Semiconductor SLG46534 Datasheet HTML 18Page - Dialog Semiconductor SLG46534 Datasheet HTML 19Page - Dialog Semiconductor SLG46534 Datasheet HTML 20Page - Dialog Semiconductor SLG46534 Datasheet HTML 21Page - Dialog Semiconductor SLG46534 Datasheet HTML 22Page - Dialog Semiconductor SLG46534 Datasheet HTML 23Page - Dialog Semiconductor SLG46534 Datasheet HTML 24Page - Dialog Semiconductor SLG46534 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 172 page
background image
SLG46534_DS_107
Page 20 of 171
SLG46534
G
Gain error (including
threshold and internal
Vref error),
T = (-40…+85)°C
G = 1, VDD = 1.71 V
Vref = 50…1200 mV
--
1
--
G = 1, VDD = 3.3 V
--
1
--
G = 1, VDD = 5.5 V
--
1
--
G = 0.5, VDD = 1.71 V
-1.00%
--
0.93%
G = 0.5, VDD = 3.3 V
-0.96%
--
0.82%
G = 0.5, VDD = 5.5 V
-1.04%
--
0.90%
G = 0.33, VDD = 1.71V
-1.75%
--
2.10%
G = 0.33, VDD = 3.3 V
-1.95%
--
1.69%
G = 0.33, VDD = 5.5 V
-2.03%
--
1.77%
G = 0.25, VDD = 1.71V
-1.91%
--
2.13%
G = 0.25, VDD = 3.3 V
-1.98%
--
1.80%
G = 0.25, VDD = 5.5 V
-2.12%
--
1.90%
Vref
Internal Vref error,
Vref = 1200 mV
VDD = 1.8 V ± 5 %
T = 25°C
-0.58%
--
0.56%
T = (-40…+85)°C
-1.01%
--
0.70%
VDD = 3.3 V ± 10 %
T = 25°C
-0.59%
--
0.58%
T = (-40…+85)°C
-1.06%
--
0.72%
VDD = 5.0 V ± 10 %
T = 25°C
-0.64%
--
0.60%
T = (-40…+85)°C
-1.16%
--
0.74%
Internal Vref error,
Vref = 1000 mV
VDD = 1.8 V ± 5 %
T = 25°C
-0.57%
--
0.58%
T = (-40…+85)°C
-1.14%
--
0.76%
VDD = 3.3 V ± 10 %
T = 25°C
-0.59%
--
0.58%
T = (-40…+85)°C
-1.04%
--
0.73%
VDD = 5.0 V ± 10 %
T = 25°C
-0.67%
--
0.64%
T = (-40…+85)°C
-1.15%
--
0.73%
Internal Vref error,
Vref = 500 mV
VDD = 1.8 V ± 5 %
T = 25°C
-0.64%
--
0.64%
T = (-40…+85)°C
-1.11%
--
0.75%
VDD = 3.3 V ± 10 %
T = 25°C
-0.63%
--
0.63%
T = (-40…+85)°C
-1.10%
--
0.78%
VDD = 5.0 V ± 10 %
T = 25°C
-0.72%
--
0.70%
T = (-40…+85)°C
-1.15%
--
0.80%
Symbol
Parameter
Description/Note
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com