Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH190P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLRH190P
Description  TOSHIBA LED Lamp InGaALP Red Light Emission
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRH190P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLRH190P Datasheet HTML 1Page - Toshiba Semiconductor TLRH190P Datasheet HTML 2Page - Toshiba Semiconductor TLRH190P Datasheet HTML 3Page - Toshiba Semiconductor TLRH190P Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLRH190P
2002-09-25
1
TOSHIBA LED Lamp InGaAℓP Red Light Emission
TLRH190P
Panel Circuit Indicator
· 10 mm diameter
· InGaAℓP red LED
· All plastic mold type.
· Colorless clear lens
· Low drive current, high intensity red light emission
Recommended forward current: IF = 1~20mA (DC)
· All plastic molded lens, provides an excellent on−off contrast ratio.
· Fast response time, capable of pulse operation.
· High power luminous intensity
· Without stand−offs
· Applications: Suitable for outdoor message signboard, safety
equipment.
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current (DC)
IF
50
mA
Reverse voltage
VR
4
V
Power dissipation
PD
125
mW
Operating temperature range
Topr
-30~85
°C
Storage temperature range
Tstg
-40~120
°C
Electrical And Optical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 20 mA
¾
1.9
2.5
V
Reverse current
IR
VR = 4 V
¾
¾
50
µA
TLRH190P
4760
19000
¾
Luminous
intensity
TLRH190P (WX)
IV
IF = 20 mA
(Note)
8500
¾
41400
mcd
Peak emission wavelength
λP
IF = 20 mA
¾
644
¾
nm
Spectral line half width
∆λ
IF = 20 mA
¾
18
¾
nm
Dominant wavelength
λd
IF = 20mA
¾
630
¾
nm
(Note): Lamps are classified into the following ranks according to their luminous intensity.
Measurement tolerance for each limit is
±15%.
V: 5600−11200mcd, W: 10000−20000mcd, X: 18000−36000mcd.
Unit in mm
JEDEC
―
EIAJ
―
TOSHIBA
Weight: 1.0 g


Similar Part No. - TLRH190P

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLRH190P MARKTECH-TLRH190P Datasheet
224Kb / 5P
Toshiba TLxH190 Series LEDs
logo
Toshiba Semiconductor
TLRH190P TOSHIBA-TLRH190P Datasheet
167Kb / 4P
Panel Circuit Indicator
TLRH190PF TOSHIBA-TLRH190PF Datasheet
167Kb / 4P
Panel Circuit Indicator
TLRH190P TOSHIBA-TLRH190P_06 Datasheet
167Kb / 4P
Panel Circuit Indicator
More results

Similar Description - TLRH190P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLSH180P TOSHIBA-TLSH180P Datasheet
123Kb / 4P
TOSHIBA LED Lamp InGaA?밣 Red Light Emission
TLOH180P TOSHIBA-TLOH180P Datasheet
128Kb / 4P
TOSHIBA LED Lamp InGaALP Orange Light Emission
TLSH160 TOSHIBA-TLSH160 Datasheet
152Kb / 4P
TOSHIBA LED Lamp InGaALP Red Light Emission
TLYH160 TOSHIBA-TLYH160 Datasheet
130Kb / 4P
TOSHIBA LED Lamp InGaALP Yellow Light Emission
TLYH190P TOSHIBA-TLYH190P Datasheet
127Kb / 4P
TOSHIBA LED Lamp InGaALP Yellow Light Emission
TLSH157P TOSHIBA-TLSH157P Datasheet
125Kb / 4P
TOSHIBA LED Lamp InGaAP Red Light Emission
TLOE260A TOSHIBA-TLOE260A Datasheet
123Kb / 4P
LED Lamp InGaALP Orange Light Emission
logo
Marktech Corporate
TLRMK31T MARKTECH-TLRMK31T Datasheet
173Kb / 4P
TOSHIBA LED Lamp InGaA?밣 Red Light Emission
logo
Toshiba Semiconductor
TLRMK37TPK53 TOSHIBA-TLRMK37TPK53 Datasheet
588Kb / 7P
TOSHIBA LED Lamp InGaA?밣 Red Light Emission
logo
Marktech Corporate
TLRMH265P MARKTECH-TLRMH265P Datasheet
143Kb / 3P
TOSHIBA LED LAMP InGaA RED LIGHT EMISSION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com