Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH190P Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLRH190P
Description  TOSHIBA LED Lamp InGaALP Red Light Emission
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRH190P Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLRH190P Datasheet HTML 1Page - Toshiba Semiconductor TLRH190P Datasheet HTML 2Page - Toshiba Semiconductor TLRH190P Datasheet HTML 3Page - Toshiba Semiconductor TLRH190P Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TLRH190P
2002-09-25
3
50
1
1.6
3
5
10
30
1.7
1.8
1.9
2.0
2.1
2.2
2.3
Forward voltage VF (V)
IF – VF
Ta = 25°C
100000
500
1
50000
30000
10000
5000
3000
1000
30
50
100
0.5
3
5
10
Forward current IF (mA)
IV – IF
Ta = 25°C
1.0
0
580
0.8
0.6
0.4
0.2
600
620
640
660
680
700
Wavelength λ (nm)
IF = 20mA
Ta = 25°C
Relative Luminous Intensity _
Wavelength
Case temperature Tc (°C)
IV – Tc
3
0.1
− 20
0.3
0.5
1
0
20
40
60
80
Radiation Pattern
Ta = 25 °C
70°
70°
60°
50°
40°
30°
30°
40°
50°
60°
80°
90°
80°
20°
10°
0°
10°
20°
90°
0.8
0.6
0.4
0.2
0
Ambient temperature Ta (°C)
0
0
20
40
60
80
100
IF – Ta
80
20
60
40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com