Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT720WT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAT720WT
Description  350mW Schottky Diodes 40 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT720WT Datasheet(HTML) 1 Page - Micro Commercial Components

  BAT720WT Datasheet HTML 1Page - Micro Commercial Components BAT720WT Datasheet HTML 2Page - Micro Commercial Components BAT720WT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Micro Commercial Components
20736 Marilla Street Chatsworth
Chatsworth, CA 91311
Phone: (818) 701-4933
Fax:
(818) 701-4939
Features
Maximum Ratings
Revision:
A
20
17/06/23
www.mccsemi.com
1 of
3
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"
•
Very Low Forward Voltage Drop.
•
Guard Ring Protected
•
Untral Small Surface Mount Package
Micro Commercial Components
M C C
R
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.083
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.006
A
B
C
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
.0
96
2.10
2.45
.01
6
.1
50
.
400
Symbol
ymbol
Rating
Unit
VR
Continuous Reverse Voltage
40
V
VR(RMS)
RMS Reverse Voltage
28
V
IO
Average Rectified Current
(1)
0.50
A
IFSM
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load(JEDEC Method)
2.0
.
PD
Power Dissipation
(1)
350
mW
RJA
Thermal Resistance Junction to Ambient
Air
(1)
286
OC/W
TJ
Junction Temperature
125
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
ymbol
Par
Symbol
Min
Typ
Max
Units
VF
Forward Voltage
(IF=500mAdc )
(Note 1)
IR
Reverse Current
(Note 2)
(VR=35Vdc)
---
CT
Capacitance
(VR=0, f=1.0MHz)
60
----
90
pF
---
0.55
V
100
µA
---
---
Notes:1.Part mounted on FR-4 PC board with recommended pad layout
2.Short duration test pulse used to minimize self-heating effect.
Internal Structure Schematic Diagram
350mW
Schottky Diodes
40 Volts
BAT720
WT
A


Similar Part No. - BAT720WT

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT720W JIANGSU-BAT720W Datasheet
1Mb / 4P
SCHOTTKY BARRIER DIODE
More results

Similar Description - BAT720WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM5817PL MCC-SM5817PL Datasheet
77Kb / 3P
Schottky Barrier Diodes 20 to 40 Volts
BAT720 MCC-BAT720 Datasheet
201Kb / 2P
350mW Schottky Diodes 40 Volts
SM5817PL MCC-SM5817PL_11 Datasheet
245Kb / 3P
Schottky Barrier Diodes 20 to 40 Volts
SM5819PL-TP MCC-SM5819PL-TP Datasheet
280Kb / 3P
Schottky Barrier Diodes 20 to 40 Volts
logo
Weitron Technology
WSD520BS-40 WEITRON-WSD520BS-40 Datasheet
1Mb / 4P
SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
WSD521BS-40 WEITRON-WSD521BS-40 Datasheet
688Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
WSD521S-40 WEITRON-WSD521S-40 Datasheet
195Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
WSD751BS WEITRON-WSD751BS Datasheet
782Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 30m AMPERES 40 VOLTS
logo
Micro Commercial Compon...
BAT720 MCC-BAT720_13 Datasheet
268Kb / 2P
350mW Schottky Diodes 40 Volts
SM5817PL MCC-SM5817PL_17 Datasheet
481Kb / 4P
Schottky Barrier Diodes 20 to 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com