Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM2000GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FM2000GP
Description  0.5 Amp High Voltage Fast Recovery Glass Passivated Rectifier 2000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FM2000GP Datasheet(HTML) 1 Page - Micro Commercial Components

  FM2000GP Datasheet HTML 1Page - Micro Commercial Components FM2000GP Datasheet HTML 2Page - Micro Commercial Components FM2000GP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FM2000GP
0.5 Amp High Voltage
Fast Recovery
Glass
Passivated Rectifier
2000 Volts
Features
•
High Current Capability
•
Fast Switching For Higher Efficiency
Maximum Ratings
•
Operating Temperature: -55°C to +150°C
•
Storage Temperature: -55°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FM2000GP
FM20
2000V
1400V
2000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
500mA
TA = 50°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
4.0V
IFM = 0.5A;
TA = 50°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0µA
50µA
TA = 25°C
TA = 100°C
Typical Junction
Capacitance
CJ
30pF
Measured at
1.0MHz, VR=4.0V
Maximum Reverse
Recovery Time
Trr
500nS
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
A
20
16/05/05
www.mccsemi.com
1
of 3
•
Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Micro Commercial Components
M C C
R
•
Halogen free available upon request by adding suffix "-HF"
H
J
E
F
G
A
B
D
C
0.070”
SUGGESTED SOLDER
PAD LAYOUT
0.090”
0.085”
DO-214AC

(SMA) (LEAD FRAME)

INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
---
.00
6
---
.
15
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
DIMENSIONS


Similar Part No. - FM2000GP

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM2000 RECTRON-FM2000 Datasheet
176Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
FM2000B RECTRON-FM2000B Datasheet
81Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
2022-02 REV: O
FM2000F RECTRON-FM2000F Datasheet
410Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
2020-01/97 REV: O
FM2000W RECTRON-FM2000W Datasheet
34Kb / 2P
HIGH VOLTAGE RECTIFIER
FM2000W RECTRON-FM2000W Datasheet
128Kb / 6P
HIGH VOLTAGE RECTIFIER VOLTAGE RANGE 1200 to 3500 Volts CURRENT 0.2 to 0.5 Ampere
More results

Similar Description - FM2000GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4933GP MCC-1N4933GP Datasheet
164Kb / 3P
1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
1N4942GP MCC-1N4942GP Datasheet
81Kb / 3P
1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
logo
List of Unclassifed Man...
RGP02-12 ETC1-RGP02-12 Datasheet
36Kb / 2P
0.5 Amp. Glass Passivated Fast Recovery Rectifier
logo
SeCoS Halbleitertechnol...
SCDS0506 SECOS-SCDS0506 Datasheet
645Kb / 2P
VOLTAGE 800V 0.5 AMP Glass Passivated Super Fast Recovery Rectifier
logo
Micro Commercial Compon...
1N4942GP MCC-1N4942GP_11 Datasheet
429Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
BA157GP MCC-BA157GP Datasheet
233Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
R2000FGP MCC-R2000FGP Datasheet
204Kb / 3P
0.5 Amp High Voltage ast Recovery Glass Passivated Rectifier 2000 Volts
GS1Z-L MCC-GS1Z-L Datasheet
426Kb / 3P
1.0 Amp Glass Passivated Rectifier 2000 Volts
logo
Rectron Semiconductor
R2000FG RECTRON-R2000FG Datasheet
218Kb / 5P
SURFACE MOUNT GLASS PASSIVATED HIGH VOLTAGE FAST RECOVERY RECTIFIER VOLTAGE RANGE 2000 Volts CURRENT 0.5 Ampere
R2000H RECTRON-R2000H Datasheet
468Kb / 5P
HIGH VOLTAGE FAST RECOVERY RECTIFIER VOLTAGE RANGE 2000 Volts CURRENT 0.5 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com