Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS2BFL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FS2BFL
Description  2 Amp Fast Recovery Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FS2BFL Datasheet(HTML) 1 Page - Micro Commercial Components

  FS2BFL Datasheet HTML 1Page - Micro Commercial Components FS2BFL Datasheet HTML 2Page - Micro Commercial Components FS2BFL Datasheet HTML 3Page - Micro Commercial Components FS2BFL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FS2AFL
THRU
FS2MFL
2 Amp Fast
Recovery Rectifier
50 to 1000 Volts
Features
Maximum Ratings
•
Operating Temperature: -50°C to +150°C
•
Storage Temperature: -5
5°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FS2AFL
FS2A
50V
35V
50V
FS2BFL
FS2B
100V
70V
100V
FS2DFL
FS2D
200V
140V
200V
FS2GFL
FS2G
400V
280V
400V
FS2JFL
FS2J
600V
420V
600V
FS2KFL
FS2K
800V
560V
800V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0A
TL =
100°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.
3V
IFM =
2.0A;
TJ = 25°C
Typical Junction
Capacitance
CJ
50pF
Measured at
1.0MHz, VR=4.0V
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
I
R
5uA
T
J = 25
°C
Maximum Reverse
Recovery Time
T
rr
I
F=0.5A, IR=1.0A,
I
rr=0.25A




FS2MFL
FS2M
1000V
700V
1000V
Revision:
A
20
16/03/31
•
For Surface Mounted Applications
www.mccsemi.com
1 of 4
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
FS2AFL-FS2GFL
FS2JFL
150ns
250ns
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
DO-221AC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.035
.047
0.90
1.20
b
.049
.065
1.25
1.65
C
.004
.016
0.10
0.40
D
.089
.116
2.25
2.95
E
.173
.220
4.40
5.60
E1
.126
.181
3.20
4.60
L
.028
.059
0.70
1.50
SUGGESTED SOLDER
PAD LAYOUT
(SMA-FL)
•
Halogen free available upon request by adding suffix "-HF"
0.075
(1.9)
0.063
(1.6)
0.232
(5.9)
0.106
(2.7)
Micro Commercial Components
M C C
R
FS2KFL~FS2MFL
500ns
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#


Similar Part No. - FS2BFL

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FS2B JGD-FS2B Datasheet
175Kb / 3P
1.5 AMPS. FAST RECOVERY SILICON RECTIFIER
logo
Micro Commercial Compon...
FS2B MCC-FS2B Datasheet
633Kb / 3P
2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
FS2B MCC-FS2B Datasheet
980Kb / 4P
2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
SHENZHEN YONGERJIA INDU...
FS2B WINNERJOIN-FS2B Datasheet
228Kb / 2P
Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
FS2B YENYO-FS2B Datasheet
751Kb / 2P
Surface Mount Super Fast Recovery Rectifier
More results

Similar Description - FS2BFL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR201 MCC-FR201 Datasheet
80Kb / 3P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR2A MCC-FR2A Datasheet
622Kb / 3P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR2AL MCC-FR2AL Datasheet
1Mb / 4P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR2A MCC-FR2A_11 Datasheet
991Kb / 4P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR201 MCC-FR201_11 Datasheet
460Kb / 4P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR207-TP MCC-FR207-TP Datasheet
613Kb / 4P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
FR201 YFWDIODE-FR201 Datasheet
73Kb / 3P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR201DO15 YFWDIODE-FR201DO15 Datasheet
416Kb / 3P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR201 MCC-FR201_13 Datasheet
613Kb / 4P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
FR2A LEIDITECH-FR2A Datasheet
944Kb / 3P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com