Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXR-173.250-RX1 Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # DXR-173.250-RX1
Description  DX series remote control boards
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

DXR-173.250-RX1 Datasheet(HTML) 3 Page - Radiometrix Ltd

  DXR-173.250-RX1 Datasheet HTML 1Page - Radiometrix Ltd DXR-173.250-RX1 Datasheet HTML 2Page - Radiometrix Ltd DXR-173.250-RX1 Datasheet HTML 3Page - Radiometrix Ltd DXR-173.250-RX1 Datasheet HTML 4Page - Radiometrix Ltd DXR-173.250-RX1 Datasheet HTML 5Page - Radiometrix Ltd DXR-173.250-RX1 Datasheet HTML 6Page - Radiometrix Ltd DXR-173.250-RX1 Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Radiometrix Ltd
DX series control boards
page 3
DRX board
Outputs
5A 30VDC or 8A 250VAC mains rated Single Pole Double Throw (SPDT)
changeover relay. Normally Open (NO), Normally Closed (NC), Common
(COM)
LED indicator for 'relay energised'
Supply
12V (10-15V)
receive/idle current (depends upon radio module fitted)
20mA with NRX2-434.650-5 fitted
relay current +20mA when activated
Radio modules
Any SIL pinout receiver (NRX1B, NRX2B, WRX2C, RX2A, RX2G, RX3A,
RX3G)
Size
98 x 32 x 16mm
(3.3mm diameter mounting holes are provided)
Operating modes
Device operation is set up by a 3 pin jumper on the receiver board, selecting latched on/off or
momentary 'push button' operation
In Momentary mode, DXR relay is activated for 300ms.
In Latched mode, DXR relay once activated remains activated until reset by DXT.
Two inputs are provided on the DXT transmitter, which must be grounded for at least 30us.
Response time from grounding input to relay activation is about 150ms.
Grounding SET input, sends a coded datastream, which commands DXR to Latch Relay output if Latch
Mode is selected.
Grounding RST input, sends a coded datastream, which resets the DXR Relay back to its deactivated
state.
Also, for the duration of the RST transmission, the DXR Relay is activated when Momentary Mode is
selected. The minimum duration of a Momentary Relay activation is 300ms.
Programming the address
These units employ a sub-set of the programming commands used by standard CTX2/CRX2 modules.
Address is set with the command AVALUE
As the PGM pin is dedicated to serial communication only, the ‘ENABLESERIALMODE’ command
string is NOT required.
PGM input is a 2400 baud, 1 start bit, 8 data bits, 1 or 2 stop bits, no parity at true RS232 format
(inverted UART).
Commands
Function
AVALUE bbbbb
set value for unit address (Default 00000 )
<cr>
Enter Key / Carriage Return to process entry (0x0D)
/
clear all buffers
bbbbb = address (up to 65535, in decimal)
To successfully program the unit it must be in active state
A receiver board must simply be powered
A transmitter board must be powered, with BOTH inputs grounded
(in this state it will listen to the serial pin, but will not transmit)
Each command sequence must end with a carriage return (ascii 13)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com