Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXR-173.250-RX1 Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # DXR-173.250-RX1
Description  DX series remote control boards
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

DXR-173.250-RX1 Datasheet(HTML) 1 Page - Radiometrix Ltd

  DXR-173.250-RX1 Datasheet HTML 1Page - Radiometrix Ltd DXR-173.250-RX1 Datasheet HTML 2Page - Radiometrix Ltd DXR-173.250-RX1 Datasheet HTML 3Page - Radiometrix Ltd DXR-173.250-RX1 Datasheet HTML 4Page - Radiometrix Ltd DXR-173.250-RX1 Datasheet HTML 5Page - Radiometrix Ltd DXR-173.250-RX1 Datasheet HTML 6Page - Radiometrix Ltd DXR-173.250-RX1 Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Radiometrix Ltd
DX series control boards
page 1
Range of Features

Programmable 16 bit address

1 relay to control mains powered devices rated up to 8A, 250VAC/30VDC

Visual indication of valid code received and active relays

RF module range testing

Momentary, Latched outputs

Setup is simple as Plug-and-Play

RF Remote Control Demonstration

Can be used with any Radiometrix SIL pinout transmitters and receivers
Applications

Security and Alarm systems

Emergency assistance call system

Status reporting and monitoring systems

RF Remote control systems

Industrial controls

HVAC controls

Simple On/Off switching
Long range telecontrol with Narrow Band FM radios
These
simple
application
boards
use
the
firmware and signalling protocols of the existing
CXTCXR odule products, interfaced with a
choice of SIL package radio modules. A single
relay output is provided, controlled by a pair of
logic (or switch) inputs on the transmitter.
Latched or momentary operation is selectable.
The data format employed has a 16 bit address,
which can be user programmed via an RS232
compatible input
Figure 1: DX series remote control boards
DX series remote control boards
Issue 2, 11 November 2016
Hartcran House, 231 Kenton Lane, Harrow, Middlesex, HA3 8RP, England
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233, www.radiometrix.com
DXT/DXR


Similar Description - DXR-173.250-RX1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
SV-120B SAMSUNG-SV-120B Datasheet
1Mb / 12P
Remote-Control
logo
Radiometrix Ltd
BD118 RADIOMETRIX-BD118 Datasheet
97Kb / 5P
Bi-directional RF Remote Control application boards
BL118 RADIOMETRIX-BL118 Datasheet
334Kb / 7P
Bi-directional low power RF Remote Control boards
CTA88 RADIOMETRIX-CTA88_12 Datasheet
1Mb / 16P
CTA88 Remote Control Application Boards
logo
Silicon Laboratories
SI4030 SILABS-SI4030 Datasheet
1Mb / 58P
Remote control
SI4330 SILABS-SI4330 Datasheet
1Mb / 64P
Remote control
SI4362-C SILABS-SI4362-C Datasheet
1Mb / 44P
Remote control
logo
M-System Co.,Ltd.
R3-RR8 MSYSTEM-R3-RR8 Datasheet
159Kb / 7P
Remote I/O R3 Series REMOTE CONTROL RELAY CONTROL MODULE
logo
Linx Technologies
LICAL-DEC-MS001 LINX-LICAL-DEC-MS001 Datasheet
888Kb / 11P
MS Series Remote Control Decoder
2015
LICAL-ENC-MS001 LINX-LICAL-ENC-MS001 Datasheet
951Kb / 11P
MS Series Remote Control Encoder
2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com