Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXR-869-RX3A Datasheet(PDF) 2 Page - Radiometrix Ltd

Part # DXR-869-RX3A
Description  DX series remote control boards
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

DXR-869-RX3A Datasheet(HTML) 2 Page - Radiometrix Ltd

  DXR-869-RX3A Datasheet HTML 1Page - Radiometrix Ltd DXR-869-RX3A Datasheet HTML 2Page - Radiometrix Ltd DXR-869-RX3A Datasheet HTML 3Page - Radiometrix Ltd DXR-869-RX3A Datasheet HTML 4Page - Radiometrix Ltd DXR-869-RX3A Datasheet HTML 5Page - Radiometrix Ltd DXR-869-RX3A Datasheet HTML 6Page - Radiometrix Ltd DXR-869-RX3A Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Radiometrix Ltd
DX series control boards
page 2
Common features:
Interfaces
Input/output
3.5mm pitch 3 way terminal block
Power
3.5mm pitch 3 way terminal block
(third pin is the PGM input)
RF
5mm pitch 2 pin way terminal block for Helical coil or ¼ wave
monopole antenna (or optional soldered-in aerial)
Indicators
receiver LED
DTX/DRX IC
Clock
3.58MHz (ceramic resonator)
Data rate
500bps Biphase coded burst lasting 150ms
Addressing
User programmable 16 bit address
Operating temperature
-20 to +70 degrees centigrade (some radios may be limited to -10/+55)
(Storage
-30 to +70 degrees)
Figure 2: DXT2, DXR2 interfaces
DTX board
Inputs
Active low logic inputs ('set' and 'reset/momentary)
Pullups to 3V, and protection diodes, provided
Compatible with Normally Open volt-free closing contact (push-buttons)
Supply
4 –15VDC
idle current: <1uA
transmit current (depends upon radio module fitted)
20mA with NTX2-434.650-10 fitted
Radio modules
Any low power SIL pinout transmitter (TX1, NTX2B, TX2A, TX3B)
Size
71 x 32 x 16mm
(3.3mm diameter mounting holes are provided)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com