Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXR-869-RX3A Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # DXR-869-RX3A
Description  DX series remote control boards
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

DXR-869-RX3A Datasheet(HTML) 4 Page - Radiometrix Ltd

  DXR-869-RX3A Datasheet HTML 1Page - Radiometrix Ltd DXR-869-RX3A Datasheet HTML 2Page - Radiometrix Ltd DXR-869-RX3A Datasheet HTML 3Page - Radiometrix Ltd DXR-869-RX3A Datasheet HTML 4Page - Radiometrix Ltd DXR-869-RX3A Datasheet HTML 5Page - Radiometrix Ltd DXR-869-RX3A Datasheet HTML 6Page - Radiometrix Ltd DXR-869-RX3A Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Radiometrix Ltd
DX series control boards
page 4
Ordering Information
Part No.
Version
Frequency band
DXR-173.250-RX1
RX1 fitted decoder
173.250MHz
DXT-173.250-TX1
TX1 fitted encoder
173.250MHz
DXR-434.650-NRX2B
NRX2B fitted decoder
434.650MHz
DXT-434.650-NTX2B
NTX2B fitted encoder
434.650MHz
DXR-433-RX2A
RX2A fitted decoder
433.92MHz
DXT-433-TX2A
TX2A fitted encoder
433.92MHz
DXR-869-RX3A
RX3A fitted decoder
869.85MHz
DXT-869-TX3B
TX3B fitted encoder
869.85MHz
DX series encoder and decoder boards can be supplied with any SIL pinout transmitters (TX1, NTX2,
TX2A, TX3A, TX3B etc.) and receivers (NRX1, NRX2, RX2A, RX2G, RX3A, RX3G, WRX2, RX2B)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com