Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF-1/2 Datasheet(PDF) 1 Page - TT Electronics.

Part # CMF-1/2
Description  Commercial Grade Metal Film Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CMF-1/2 Datasheet(HTML) 1 Page - TT Electronics.

  CMF-1/2 Datasheet HTML 1Page - TT Electronics. CMF-1/2 Datasheet HTML 2Page - TT Electronics. CMF-1/2 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Commercial Grade
Metal Film Resistor
Electrical Data
IRC Type
Power
Rating at
70°C (W)
Resistance
Range
(Ohms)
Tolerance
(±%)
TCR
(±ppm/°C)
Max.
Working
Voltage (V)
Max.
Overload
Voltage (V)
Dielectric
Withstanding
Voltage (V)
Standard Size
CMF-1/8
0.125
10 - 1M
1
100
200
400
400
CMF-1/4
0.25
250
500
500
CMF-1/2
0.5
350
700
700
CMF-1
1
500
1000
1000
CMF-2
2
500
1000
1000
CMF-3
3
500
1000
1000
CMF Series
• Metal film resistor
• Conformal coating
• Power ratings from 1/8W to 3W
• Resistance range from 10Ω to 1MΩ
Environmental Data
Short-time overload
ΔR/R ≤(±0.5% + 0.05Ω), with no evidence of mechanical damage.
Dielectric withstanding voltage
No evidence of flashover, mechanical damage, arcing or insulation breakdown.
Terminal strength
No evidence of mechanical damage.
Resistance to Soldering heat
ΔR/R ≤(±1% + 0.05Ω), with no evidence of mechanical damage.
Pulse Overload
ΔR/R ≤(±1% + 0.05Ω), with no evidence of mechanical damage.
Solderability
Minimum 95% coverage.
Resistance to solvent
No deterioration of protective coating and markings.
Temperature cycling
ΔR/R ≤(±1% + 0.05Ω), with no evidence of mechanical damage.
Load life in humidity
Standard type: ΔR/R ±3% for <100KΩ, ±5% for
≥100KΩ;
Load life
Standard type: ΔR/R ±1.5% Flame retardant type: R/R ±5%
CMF Series Issue May 2009 Sheet 1 of 3
BI Technologies IRC Welwyn
09.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Commercial Grade
Metal Film Resistor
Electrical Data
IRC Type
Power
Rating at
70°C (W)
Resistance
Range
(Ohms)
Tolerance
(±%)
TCR
(±ppm/°C)
Max.
Working
Voltage (V)
Max.
Overload
Voltage (V)
Dielectric
Withstanding
Voltage (V)
Standard Size
CMF-1/8
0.125
10 - 1M
1
100
200
400
400
CMF-1/4
0.25
250
500
500
CMF-1/2
0.5
350
700
700
CMF-1
1
500
1000
1000
CMF-2
2
500
1000
1000
CMF-3
3
500
1000
1000
CMF Series
• Metal film resistor
• Conformal coating
• Power ratings from 1/8W to 3W
• Resistance range from 10Ω to 1MΩ
Environmental Data
Short-time overload
ΔR/R ≤(±0.5% + 0.05Ω), with no evidence of mechanical damage.
Dielectric withstanding voltage
No evidence of flashover, mechanical damage, arcing or insulation breakdown.
Terminal strength
No evidence of mechanical damage.
Resistance to Soldering heat
ΔR/R ≤(±1% + 0.05Ω), with no evidence of mechanical damage.
Pulse Overload
ΔR/R ≤(±1% + 0.05Ω), with no evidence of mechanical damage.
Solderability
Minimum 95% coverage.
Resistance to solvent
No deterioration of protective coating and markings.
Temperature cycling
ΔR/R ≤(±1% + 0.05Ω), with no evidence of mechanical damage.
Load life in humidity
Standard type: ΔR/R ±3% for <100KΩ, ±5% for
≥100KΩ;
Load life
Standard type: ΔR/R ±1.5% Flame retardant type: R/R ±5%
CMF Series Issue May 2009 Sheet 1 of 3
Metalfilmresistor
Conformalcoating
Powerratingsfrom1/8Wto3W
Resistancerangefrom10Ωto1MΩ
Commercial Grade
Metal Film Resistor
CMF Series
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
Not Recommended for New Designs


Similar Part No. - CMF-1/2

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CMF-1/21001FLFTR IRCTT-CMF-1/21001FLFTR Datasheet
111Kb / 3P
Commercial Grade Metal Film Resistor
CMF-1/21001GLFTR IRCTT-CMF-1/21001GLFTR Datasheet
111Kb / 3P
Commercial Grade Metal Film Resistor
CMF-1/21001JLFTR IRCTT-CMF-1/21001JLFTR Datasheet
111Kb / 3P
Commercial Grade Metal Film Resistor
CMF-1/210R0FLFTR IRCTT-CMF-1/210R0FLFTR Datasheet
111Kb / 3P
Commercial Grade Metal Film Resistor
CMF-1/210R0GLFTR IRCTT-CMF-1/210R0GLFTR Datasheet
111Kb / 3P
Commercial Grade Metal Film Resistor
More results

Similar Description - CMF-1/2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
5043ED4K640F PHILIPS-5043ED4K640F Datasheet
335Kb / 7P
Standard Metal Film resistor
logo
IRC - a TT electronics ...
CAW IRCTT-CAW Datasheet
245Kb / 3P
Commercial Grade Axial Lead Power Wirewound & Film Resistor
CMF IRCTT-CMF Datasheet
111Kb / 3P
Commercial Grade Metal Film Resistor
CMO IRCTT-CMO Datasheet
184Kb / 4P
Commercial Grade Metal Oxide Resistor
logo
MERITEK ELECTRONICS COR...
MFM MERITEK-MFM Datasheet
428Kb / 2P
Metal Film MELF Resistor
logo
WALSIN TECHNOLOGY CORPO...
SF25Q WALSIN-SF25Q Datasheet
2Mb / 10P
SMD metal film resistor
SF25T WALSIN-SF25T Datasheet
555Kb / 10P
SMD metal film resistor
WF25T WALSIN-WF25T Datasheet
670Kb / 10P
SMD metal film resistor
logo
Stackpole Electronics, ...
MLF SEI-MLF Datasheet
698Kb / 11P
Metal Film Melf Resistor
8/10/2022
logo
RFE international
MGHV25 RFE-MGHV25 Datasheet
603Kb / 3P
METAL GLAZED FILM RESISTOR
2020.08.14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com