Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF-1/2 Datasheet(PDF) 3 Page - TT Electronics.

Part # CMF-1/2
Description  Commercial Grade Metal Film Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CMF-1/2 Datasheet(HTML) 3 Page - TT Electronics.

  CMF-1/2 Datasheet HTML 1Page - TT Electronics. CMF-1/2 Datasheet HTML 2Page - TT Electronics. CMF-1/2 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Commercial Grade
Metal Film Resistor
Sample Part No.
IRC Type
CMF - Metal Film Resistor
Power Rating
(See specs table)
Resistance Value (EIA 4-digit code)
(
≥100Ω - First 3 significant digits plus 4th digit multiplier)
Example: 100 ohms = 1000, 1000 ohms = 1001
(>100Ω - "R" is used to designate decimal)
Example: 10Ω = 10R0, 1Ω = 1R00, 51Ω = 51R0
Tolerance
F = ±1%; G = ±2%; J = ±5%
RoHS- compliance
LF = RoHS compliant construction
Packaging
TR = tape and reel only
Ordering Data
CMF - 1
1001
F
LF
TR
Specify type, resistance, tolerance, RoHS-Compliance and packaging.
This example is for a Metal Film Resistor, 1-watt, 1000Ω resistor.
Derating Curve
-55°C
+70°C
+155°C
-60 -30
0
30
60
90 120 150 180
100
80
60
40
20
Ambient Temperature (°C)
Hot Spot Temperature Curve
25
50
75
100
200
150
100
50
0
CMF-200
CMF-100
CMF-50
CMF-25
CMF-12
CMF Series Issue May 2009 Sheet 3 of 3
Measuring position
BI Technologies IRC Welwyn
09.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
Commerical Grade
Metal Film Resistor
CMF Series Not Recommended for New Designs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com