Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54872PWPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS54872PWPR
Description  8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54872PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54872PWPR Datasheet HTML 9Page - Texas Instruments TPS54872PWPR Datasheet HTML 10Page - Texas Instruments TPS54872PWPR Datasheet HTML 11Page - Texas Instruments TPS54872PWPR Datasheet HTML 12Page - Texas Instruments TPS54872PWPR Datasheet HTML 13Page - Texas Instruments TPS54872PWPR Datasheet HTML 14Page - Texas Instruments TPS54872PWPR Datasheet HTML 15Page - Texas Instruments TPS54872PWPR Datasheet HTML 16Page - Texas Instruments TPS54872PWPR Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TPS54872
SLVS436C − JULY 2002 − REVISED FEBRUARY 2005
www.ti.com
13
DETAILED DESCRIPTION
UNDERVOLTAGE LOCK OUT (UVLO)
The TPS54872 incorporates an under voltage lockout
circuit to keep the device disabled when the input voltage
(VIN) is insufficient. During power up, internal circuits are
held inactive until VIN exceeds the nominal UVLO
threshold voltage of 3.80 V. Once the UVLO start threshold
is reached, device start-up begins. The device operates
until VIN falls below the nominal UVLO stop threshold of
3.50 V. Hysteresis in the UVLO comparator, and a 2.5-
µs
rising and falling edge deglitch circuit reduce the likelihood
of shutting the device down due to noise on VIN.
ENABLE (ENA)
The enable pin, ENA, provides a digital control to enable
or disable (shut down) the TPS54872. An input voltage of
1.4 V or greater ensures the TPS54872 is enabled. An
input of 0.9 V or less ensures the device operation is
disabled. These are not standard logic thresholds, even
though they are compatible with TTL outputs.
When ENA is low, the oscillator, slow-start, PWM control
and MOSFET drivers are disabled and held in an initial
state ready for device start-up. On an ENA transition from
low to high, device start-up begins with the output starting
from 0 V.
SLOW-START
The slow-start circuit provides start-up slope control
control of the output voltage to limit in-rush currents. The
nominal internal slow-start rate is 0.25 V/ms with the
minimum rate being 0.35 V/ms. When the voltage on
REFIN rises faster than the internal slope or is present
when device operation is enabled, the output rises at the
internal rate. If the reference voltage on REFIN rises more
slowly, then the output rises at approximately the same
rate as REFIN.
VBIAS REGULATOR (VBIAS)
The VBIAS regulator provides internal analog and digital
blocks with a stable supply voltage over variations in
junction temperature and input voltage. A high quality,
low-ESR, ceramic bypass capacitor is required on the
VBIAS
pin.
X7R
or
X5R
grade
dielectrics
are
recommended because their values are more stable over
temperature. The bypass capacitor should be placed close
to the VBIAS pin and returned to AGND. External loading
on VBIAS is allowed, with the caution that internal circuits
require a minimum VBIAS of 2.70 V, and external loads on
VBIAS with ac or digital switching noise may degrade
performance. The VBIAS pin may be useful
as a
reference voltage for external circuits.
VOLTAGE REFERENCE
The REFIN pin provides an input for a user supplied
tracking voltage. Typically this input is one half of V(DDQ).
The input range for this external reference is 0.2 V to
1.75 V. Above this level, the internal bandgap reference
overrides the externally supplied reference voltage.
OSCILLATOR AND PWM RAMP
The oscillator frequency can be set to an internally fixed
value of 350 kHz by leaving the RT pin unconnected
(floating). If a different frequency of operation is required
for the application, the oscillator frequency can be
externally adjusted from 280 to 700 kHz by connecting a
resistor to the RT pin to ground. The switching frequency
is approximated by the following equation, where R is the
resistance from RT to AGND:
Switching Frequency
+ 100 kW
R
500 [kHz]
The following table summarizes the frequency selection
configurations:
SWITCHING
FREQUENCY
RT PIN
350 kHz, internally set
Float
Externally set 280 kHz to 700 kHz
R = 68 k
Ω to 180 kΩ
ERROR AMPLIFIER
The high performance, wide bandwidth, voltage error
amplifier sets the TPS54872 apart from most dc/dc
converters. The user has a wide range of output L and C
filter components to suit the particular application needs.
Type 2 or type 3 compensation can be employed using
external compensation components.
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com