Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54872PWPR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS54872PWPR
Description  8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54872PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS54872PWPR Datasheet HTML 1Page - Texas Instruments TPS54872PWPR Datasheet HTML 2Page - Texas Instruments TPS54872PWPR Datasheet HTML 3Page - Texas Instruments TPS54872PWPR Datasheet HTML 4Page - Texas Instruments TPS54872PWPR Datasheet HTML 5Page - Texas Instruments TPS54872PWPR Datasheet HTML 6Page - Texas Instruments TPS54872PWPR Datasheet HTML 7Page - Texas Instruments TPS54872PWPR Datasheet HTML 8Page - Texas Instruments TPS54872PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TPS54872
SLVS436C − JULY 2002 − REVISED FEBRUARY 2005
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
REFIN VOLTAGE
PACKAGE
PART NUMBER
−40
°C to 85°C
0.2 V to 1.75 V
Plastic HTSSOP (PWP)(1)
TPS54872PWP
(1) The PWP package is also available taped and reeled. Add an R suffix to the device type (i.e., TPS54872PWPR). See the application section of
the data sheet for PowerPAD drawing and layout information.
(2) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website
at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
TPS54872
UNITS
VIN, ENA
−0.3 V to 7
Input voltage range, VI
RT
−0.3 V to 6
V
Input voltage range, VI
VSENSE, REFIN
−0.3 V to 4
V
BOOT
−0.3 V to 17
Output voltage range, VO
VBIAS, COMP, STATUS
−0.3 V to 7
V
Output voltage range, VO
PH
−0.6 V to 10
V
Source current, IO
PH
Internally Limited
Source current, IO
COMP, VBIAS
6
mA
PH
12
A
Sink current, IS
COMP
6
mA
Sink current, IS
ENA, STATUS
10
mA
Voltage differential
AGND to PGND
±0.3
V
Operating virtual junction temperature range, TJ
−40 to 125
°C
Storage temperature, Tstg
−65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Input voltage, VI
4
6
V
Operating junction temperature, TJ
−40
125
°C
DISSIPATION RATINGS(1)(2)
PACKAGE
THERMAL IMPEDANCE
JUNCTION-TO-AMBIENT
TA =25°C
POWER RATING
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
28 Pin PWP with solder
14.4
°C/W
6.94 W(3)
3.81 W
2.77 W
28 Pin PWP without solder
27.9
°C/W
3.58 W
1.97 W
1.43 W
(1) For more information on the PWP package, refer to TI technical brief, literature number SLMA002.
(2) Test board conditions:
1. 3” x 3”, 4 layers, thickness: 0.062”
2. 1.5 oz. copper traces located on the top of the PCB
3. 1.5 oz. copper ground plane on the bottom of the PCB
4. 12 thermal vias (see Recommended Land Pattern in applications section of this data sheet)
(3) Maximum power dissipation may be limited by overcurrent protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com