Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC0805AS-RFT5 Datasheet(PDF) 1 Page - TT Electronics.

Part # DSC0805AS-RFT5
Description  Double-Sided Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DSC0805AS-RFT5 Datasheet(HTML) 1 Page - TT Electronics.

  DSC0805AS-RFT5 Datasheet HTML 1Page - TT Electronics. DSC0805AS-RFT5 Datasheet HTML 2Page - TT Electronics. DSC0805AS-RFT5 Datasheet HTML 3Page - TT Electronics. DSC0805AS-RFT5 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Double-Sided Chip Resistors
DSC Series
Two parallel resistance elements in a single chip
Excellent pulse withstand performance
Laser trimmed up to 0.5% tolerance
Enhanced working voltage
Enhancedpowerrating
Anti-sulphurversionavailable.
Resistors
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)
2
1
5
2
0
1
0
2
6
0
2
1
5
.
1
5
7
.
0
3
3
.
0
W
C
°
0
7
@
r
e
w
o
P
4
.
9
7
.
4
1
.
2
W
C
°
5
2
@
r
e
w
o
p
d
a
o
lr
e
v
o
d
n
o
c
e
s
2
s
h
p
a
r
g
e
e
S
e
c
n
a
m
r
o
f
r
e
p
e
s
l
u
p
t
r
o
h
S
7
M
4
o
t
0
R
1
s
m
h
o
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
5
,
1
:
s
e
u
l
a
v
ll
A
,
5
.
0
:
M
1
o
t
R
0
1
%
e
c
n
a
r
e
l
o
T
0
0
5
0
0
4
0
0
2
V
V
E
L
0
0
1
:
R
0
1
>
0
0
2
:
R
0
1
<
C
°
/
m
p
p
R
C
T
5
5
1
+
o
t
5
5
-
C
°
e
r
u
t
a
r
e
p
m
e
t
g
n
it
a
r
e
p
O
0
0
5
V
e
g
a
tl
o
v
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
D
0
5
0
8
0
6
1
W
/
C
°
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
Pad & trace area for rated power* mm2
0
0
1
0
6
0
5
0805
0603
0.25
0.125
0.8
75
302
30
1.6
1R0 to 1M0
210
150
40
r
e
d
r
o
l
a
i
c
e
p
s
o
t
s
e
u
l
a
v
r
e
h
t
o
-
d
e
r
r
e
f
e
r
p
6
9
r
o
4
2
E
s
e
u
l
a
V
Double-Sided
Chip Resistors
DSC Series
Two parallel resistance elements
in a single chip
Excellent pulse withstand performance
Laser trimmed up to 0.5% tolerance
Enhanced working voltage
Enhanced power rating
Pb-free terminations
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
04. 08
A subsidiary of
TT electronics plc
Welwyn Components
Dimensions (mm) & Weight (g)
L
W
T max
A
B min
C
Wt.
1206
3.2±0.4
1.6±0.2
0.7
0.4±0.2
1.7
0.4±0.15
0.020
0805
2.0±0.3
1.25±0.2
0.7
0.3±0.15
0.9
0.3±0.15
0.012
0603
1.5±0.1
0.8±0.1
0.55
0.3±0.15
0.6
0.3±0.15
0.002
2010
5.1±0.3
2.5±0.2
0.8
0.6±0.3
3.0
0.6±0.25
0.036
2512
6.5±0.3
3.2±0.2
0.8
0.6±0.3
4.4
0.6±0.25
0.055
Physical Data
_
*Recommended minimum pad & adjacent trace area for each termination for rated power dissipation on FR4 PCB
Construction
Thick film resistor material, overglaze and organic protection are screen printed on a 96% alumina substrate. Wrap-around terminations
have an electroplated nickel barrier and solderable coating, this ensures excellent ‘leach’ resistance properties and solderability.
Marking
Components are not marked. Reels are marked with type, value, tolerance, date code and quantity.
Solvent Resistance
The body protection is resistant to all normal industrial cleaning solvents suitable for printed circuits.
T
W
A
A
B
L
Wrap-around terminations
(3 faces)
C
11.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Similar Part No. - DSC0805AS-RFT5

ManufacturerPart #DatasheetDescription
logo
Solid State Supplies.
DSC08-4021-28-1012-D DURAKOOL-DSC08-4021-28-1012-D Datasheet
1Mb / 2P
LVDC Contactor 80A / 60VDC / 120VDC
DSC08-4021-28-1012-S DURAKOOL-DSC08-4021-28-1012-S Datasheet
1Mb / 2P
LVDC Contactor 80A / 60VDC / 120VDC
DSC08-4021-28-1012-T DURAKOOL-DSC08-4021-28-1012-T Datasheet
1Mb / 2P
LVDC Contactor 80A / 60VDC / 120VDC
DSC08-4021-28-1024-D DURAKOOL-DSC08-4021-28-1024-D Datasheet
1Mb / 2P
LVDC Contactor 80A / 60VDC / 120VDC
DSC08-4021-28-1024-S DURAKOOL-DSC08-4021-28-1024-S Datasheet
1Mb / 2P
LVDC Contactor 80A / 60VDC / 120VDC
More results

Similar Description - DSC0805AS-RFT5

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
DSC WELWYN-DSC Datasheet
151Kb / 5P
Double-Sided Chip Resistors
logo
List of Unclassifed Man...
PPC228 ETC2-PPC228 Datasheet
535Kb / 1P
Double Sided Adhesive
DSC2512 ETC2-DSC2512 Datasheet
493Kb / 5P
Double-Sided Chip Resistors
logo
KODENSHI_AUK CORP.
SG214B KODENSHI-SG214B Datasheet
286Kb / 2P
Double-sided Screw-mount
SG255 KODENSHI-SG255 Datasheet
269Kb / 2P
Double-sided
logo
Hubbell Incorporated.
BIBD45 HUBBELL-BIBD45 Datasheet
261Kb / 2P
MULTI-PORT Double-Sided Entry.
BIBD46FX HUBBELL-BIBD46FX Datasheet
261Kb / 2P
MULTI-PORT Double-Sided Entry.
BIBD2010FX HUBBELL-BIBD2010FX Datasheet
258Kb / 1P
MULTI-PORT Double-Sided Entry.
BIBD2012FX HUBBELL-BIBD2012FX Datasheet
258Kb / 1P
MULTI-PORT Double-Sided Entry.
logo
Bertech.
DSFT BERTECH-DSFT Datasheet
158Kb / 1P
Double Sided Foam Tape
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com