Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC0805AS-RFT5 Datasheet(PDF) 3 Page - TT Electronics.

Part # DSC0805AS-RFT5
Description  Double-Sided Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DSC0805AS-RFT5 Datasheet(HTML) 3 Page - TT Electronics.

  DSC0805AS-RFT5 Datasheet HTML 1Page - TT Electronics. DSC0805AS-RFT5 Datasheet HTML 2Page - TT Electronics. DSC0805AS-RFT5 Datasheet HTML 3Page - TT Electronics. DSC0805AS-RFT5 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Double Sided
Chip Resistors
DSC Series
Double Sided
Chip Resistors
DSC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
07.08
Single Pulse
The single impulse graph is the
result of 50 impulses of rectangular
shape applied at one-minute
intervals. The limit of acceptance
was a shift in resistance of less
than 1% from the initial value.
Continuous Load Due
to Repetitive Pulses
The continuous load graph was
obtained by applying repetitive
rectangular pulses where the pulse
period was adjusted so that the
average power dissipated in the
resistor was equal to its rated power
at 70°C. Again the limit of acceptance
was a shift in resistance of less than
1% from the initial value.
100
1,000
10,000
1
10
100
1,000
10,000
100,000
1,000,000
10,000,000
Value (ohms)
DSC2512- Bellcore GR1089 Lightning Surge
2/10µs
10/1000µs
1
10
100
1000
0.0001
0.001
0.01
0.1
1
Pulse Duration (s)
Single Pulse
0805
1206
2010
2512
0.1
1
10
100
1000
0.0001
0.001
0.01
0.1
1
Pulse Duration (s)
Continuous Pulses
0805
1206
2010
2512
2512
2010
1206
0805
0603
2512
2010
1206
0805
0603
11.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com