Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR130LSF Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBR130LSF
Description  Low Forward Voltage Drop Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR130LSF Datasheet(HTML) 2 Page - Micro Commercial Components

  MBR130LSF_12 Datasheet HTML 1Page - Micro Commercial Components MBR130LSF_12 Datasheet HTML 2Page - Micro Commercial Components MBR130LSF_12 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Micro Commercial Components
MCC
TM
MBR130LSF
www.mccsemi.com
2 of 3
Revision: B
2012/07/23
Figure 1. Typical Forward Voltage
0.1
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
0.1
0.7
0.3
0.5
0.9
TJ = 85°C
TJ = 125°C
TJ = −40°C
TJ = 25°C
Figure 3. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
30
25
20
15
10
5
0
10
1000
TJ = 25 °C
100
0.01
0.1
1.0
10
100
T , JUNCTION TEMPERATURE (°C)
Fig. 2 Typical Pulsed Reverse Characteristics@30V
J
20
40
60
80
100
120
140
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com