Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR130LSF Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR130LSF
Description  Low Forward Voltage Drop Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR130LSF Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR130LSF_12 Datasheet HTML 1Page - Micro Commercial Components MBR130LSF_12 Datasheet HTML 2Page - Micro Commercial Components MBR130LSF_12 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR130LSF
Low Forward Voltage Drop
Schottky Barrier
Diodes
Features
•
High-Surge-Capability
•
Super Low Forward Voltage Drop
•
Low-Profile-Package
Mechanical Data
•
Packaging:
Maximum Ratings
Symbol
21
V
VRRM
30
V
IF(AV)
1
A
IFSM
Surge Forward Current at 8.3ms
30
A
RthJL
Typical Thermal Resistance
Storage Temperature
-65 to +125
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
VF
Forward Voltage
IR
Leakage Current
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
SOD-123FL
•
Packaging:SOD-123FL
Maximum Ratings
Symbol
Parameter
Rating
Unit
•
Marking Code: L3
www.mccsemi.com
1 of 3
Maximum RMS Voltage
Repetitive Reverse Voltage
Average Forward Current
VR(RMS)
TSTG
°C/W
26
V
@0.1A
@1A
@0.7A
@VR=30V
mA
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
Revision: B
2012/07/23
Operating Junction Temperature
-65 to +125
OC
TJ
----
0.29
----
0.36
----
0.38
----
1.0
Junction to lead
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
B
E
C
D
H
G
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
A
.140
.152
3.55
3.85
B
.100
.122
2.55
3.10
C
.055
.075
1.40
1.90
D
.035
.053
0.90
1.35
E
.020
.041
0.50
1.05
G
.010
-----
0.25
-----
H
-----
.010
----
.25


Similar Part No. - MBR130LSF_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR130LSFT1 ONSEMI-MBR130LSFT1 Datasheet
58Kb / 6P
Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
January, 2005 ??Rev. 1
MBR130LSFT1 ONSEMI-MBR130LSFT1 Datasheet
59Kb / 6P
Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR130LSFT1G ONSEMI-MBR130LSFT1G Datasheet
59Kb / 6P
Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
logo
Analog Devices
MBR130LSFT1G AD-MBR130LSFT1G Datasheet
1Mb / 75P
ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
ON Semiconductor
MBR130LSFT1G ONSEMI-MBR130LSFT1G Datasheet
67Kb / 5P
Surface Mount Schottky Power Rectifier
July, 2014 ??Rev. 4
More results

Similar Description - MBR130LSF_12

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR130LSF MCC-MBR130LSF Datasheet
339Kb / 3P
Low Forward Voltage Drop Schottky Barrier Diodes
MBRX120LF MCC-MBRX120LF Datasheet
337Kb / 3P
Low Forward Volatge Drop Schottky Barrier Diodes
MBRX120LSF MCC-MBRX120LSF Datasheet
318Kb / 3P
Low Forward Volatge Drop Schottky Barrier Diodes
MBRX120LF-TP MCC-MBRX120LF-TP Datasheet
351Kb / 3P
Low Forward Volatge Drop Schottky Barrier Diodes
MBR140LSF MCC-MBR140LSF Datasheet
331Kb / 2P
Low Forward Voltage Drop Schottky Barrier Diodes
MBRX120LF MCC-MBRX120LF_13 Datasheet
351Kb / 3P
Low Forward Volatge Drop Schottky Barrier Diodes
MBRX120LSF MCC-MBRX120LSF_12 Datasheet
332Kb / 3P
Low Forward Volatge Drop Schottky Barrier Diodes
logo
Microdiode Semiconducto...
SL34F CHENDA-SL34F_V01 Datasheet
2Mb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL54F CHENDA-SL54F_V01 Datasheet
839Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL32B CHENDA-SL32B_V01 Datasheet
988Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
Rev:2019A0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com