Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP2004K Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP2004K
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2004K Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP2004K Datasheet HTML 1Page - Diodes Incorporated DMP2004K Datasheet HTML 2Page - Diodes Incorporated DMP2004K Datasheet HTML 3Page - Diodes Incorporated DMP2004K Datasheet HTML 4Page - Diodes Incorporated DMP2004K Datasheet HTML 5Page - Diodes Incorporated DMP2004K Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMP2004K
Document number: DS30933 Rev. 10 - 2
1 of 6
www.diodes.com
February 2018
© Diodes Incorporated
DMP2004K
P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) Max
Package
ID
TA = +25°C
-20V
0.9
 @ VGS = -4.5V
SOT23
-430mA
2.0
 @ VGS = -1.8V
-150mA
Description
This new generation MOSFET is designed to minimize the on-state
resistance (RDS(ON)) and yet maintain superior switching performance,
making it ideal for high efficiency power management applications.
Applications
DC-DC Converters
Power Management Functions
Features
Low On-Resistance
Very Low Gate Threshold Voltage VGS(TH) <1V
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
ESD Protected Gate
Qualified to AEC-Q101 standards for High Reliability
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOT23
Case Material: Molded Plastic, ―Green‖ Molding
Compound. UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Weight: 0.008 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
DMP2004K-7
Standard
SOT23
3,000/Tape & Reel
DMP2004KQ-7
Automotive
SOT23
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Dio
des Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2008
2009
~
2018
2019
2020
2021
2022
Code
V
W
~
F
G
H
I
J
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
e3
Top View
Internal Schematic
Top View
Equivalent Circuit
ESD PROTECTED
D
G
S
SOT23
PAB = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: F = 2018)
M = Month (ex: 9 = September)
PAB
D
S
G
Gate Protection
Diode


Similar Part No. - DMP2004K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2004K DIODES-DMP2004K Datasheet
147Kb / 5P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30933 Rev. 4 - 2
DMP2004K-7 DIODES-DMP2004K-7 Datasheet
147Kb / 5P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30933 Rev. 4 - 2
DMP2004K-7 DIODES-DMP2004K-7 Datasheet
242Kb / 6P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 9
DMP2004KQ-7 DIODES-DMP2004KQ-7 Datasheet
242Kb / 6P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 9
DMP2004K DIODES-DMP2004K_15 Datasheet
242Kb / 6P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 9
More results

Similar Description - DMP2004K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com