Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP2004K Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP2004K
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2004K Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP2004K Datasheet HTML 1Page - Diodes Incorporated DMP2004K Datasheet HTML 2Page - Diodes Incorporated DMP2004K Datasheet HTML 3Page - Diodes Incorporated DMP2004K Datasheet HTML 4Page - Diodes Incorporated DMP2004K Datasheet HTML 5Page - Diodes Incorporated DMP2004K Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMP2004K
Document number: DS30933 Rev. 10 - 2
3 of 6
www.diodes.com
February 2018
© Diodes Incorporated
DMP2004K
0
0
-V
, DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
-V
, GATE-SOURCE VOLTAGE (V)
Figure 2 Typical Transfer Characteristics
GS
-I , DRAIN-SOURCE CURRENT (A)
Figure 4 Static Drain-Source On-Resistance vs. Drain Current
D
-I , DRAIN-SOURCE CURRENT (A)
Figure 5 Static Drain-Source On-Resistance
vs. Drain Current
D
-I , DRAIN-SOURCE CURRENT (A)
Figure 6 Static Drain-Source On-Resistance vs.
Drain-Source Current
D
10
T , AMBIENT TEMPERATURE (°C)
Figure 3 Gate Threshold Voltage vs. Ambient Temperature
A
-
V
,
G
A
T
E
T
H
R
E
S
H
O
L
D
V
O
L
T
A
G
E
(
V
)
G
S
(t
h
)
VGS=-5V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com