Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28512 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC28512
Description  70V/2A Synchronous Buck Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28512 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC28512 Datasheet HTML 1Page - Micrel Semiconductor MIC28512 Datasheet HTML 2Page - Micrel Semiconductor MIC28512 Datasheet HTML 3Page - Micrel Semiconductor MIC28512 Datasheet HTML 4Page - Micrel Semiconductor MIC28512 Datasheet HTML 5Page - Micrel Semiconductor MIC28512 Datasheet HTML 6Page - Micrel Semiconductor MIC28512 Datasheet HTML 7Page - Micrel Semiconductor MIC28512 Datasheet HTML 8Page - Micrel Semiconductor MIC28512 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
MIC28512 Evaluation Board
April 8, 2015
3
Revision 1.0
A “hiccup” soft-start cycle is generated, reducing the stress
on the power switching FETs while protecting the load and
supply during severe short conditions.
The short circuit current limit can be programmed by using
Equation 3:
( )
CL
CL
DS(ON)
PP
L
CLIM
I
V
R
)
5
.
0
ΔI
(I
22
R
+
×
×
=
-
Eq. 3
Where:
ICLIM = Desired current limit
RDS(ON) = On-resistance of low-side power MOSFET,
28mΩ typically
VCL = Current-limit threshold (typical absolute value is
14mV, per the Electrical Characteristics section in the
MIC28512 datasheet)
ICL = Current-limit source current (typical value is 70µA,
per the Electrical Characteristics section in the MIC28512
datasheet).
ΔI
L(PP) = Inductor current peak-to-peak
The peak-to-peak inductor current ripple is:
L
f
V
)
V
(V
V
I
sw
IN(MAX)
OUT
IN(MAX)
OUT
L(PP)
×
×
×
=
∆
-
Eq. 4
In case of hard short, the short current-limit threshold (VCL)
is reduced by half to the short-circuit threshold. This allows
an indefinite hard short on the output without any
destructive effect. It is critical to make sure that the
inductor current used to charge the output capacitance
during soft start is below the foldback short-circuit level;
otherwise the supply can go into hiccup mode and latch up
at start up. This should be verified over the operating
temperature range as well.
The MOSFET RDS(ON) varies 30% to 40% with temperature.
Therefore, it is recommended to add a 50% margin to ICL
in Equation 4 to avoid false current limiting due to
increased MOSFET junction temperature rise. Table 1
shows typical output current limit value for a given R22.
Table 1. R22 Typical Output Current-Limit Value
R22
Typical Output Current Limit
(VIN = 12V, VOUT = 5V, L = 8.2µH)
2.21
kΩ
4.3A
1.82
kΩ
3.0A
The MIC28512 evaluation board was designed with a
8.2µH inductor for operation at 300kHz at 5V output. The
typical value of RWINDING(DCR) of this particular inductor is
44
mΩ.
Setting the Switching Frequency
The MIC28512 switching frequency can be adjusted by
changing the value of resistor R17. The top resistor (R19)
is set at 100k
Ω and is connected between VIN and FREQ.
R4 is connected from the FREQ input to PGND and sets
the switching frequency according to Equation 4.
Figure 2. Switching Frequency Adjustment
17
R
19
R
17
R
f
f
O
ADJ
_
SW
+
×
=
Eq. 4
Where:
fO = Switching frequency when R17 is open, per the
Electrical
Characteristics
section
in
the
MIC28512
datasheet.
For a more precise setting, it is recommended to use the
Figure 3:
Figure 3. Switching Frequency vs. R17



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com