Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28512 Datasheet (PDF) - Micrel Semiconductor

MIC28512 Datasheet PDF - Micrel Semiconductor
Part # MIC28512
Download  MIC28512 Download
File Size   532.35 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 70V/2A Synchronous Buck Regulator

MIC28512 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC28512 Datasheet PDF - Micrel Semiconductor

Part # MIC28512
Download  MIC28512 Click to download

File Size   532.35 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 70V/2A Synchronous Buck Regulator

MIC28512 Datasheet (HTML) - Micrel Semiconductor




Similar Part No. - MIC28512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC28512 MICROCHIP-MIC28512 Datasheet
3Mb / 34P
70V, 2A Synchronous Buck Regulator
07/14/15
MIC28512-1YFL MICROCHIP-MIC28512-1YFL Datasheet
3Mb / 34P
70V, 2A Synchronous Buck Regulator
07/14/15
MIC28512-2YFL MICROCHIP-MIC28512-2YFL Datasheet
3Mb / 34P
70V, 2A Synchronous Buck Regulator
07/14/15
More results


Similar Description - MIC28512

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3843WMPBF IRF-IR3843WMPBF Datasheet
732Kb / 34P
HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
2A Synchronous Buck Regulator with Integrated MOSFETs
June 29, 2010
logo
Alpha & Omega Semicondu...
AOZ1020 AOSMD-AOZ1020 Datasheet
539Kb / 15P
EZBuck??2A Synchronous Buck Regulator
AOZ1252 AOSMD-AOZ1252 Datasheet
570Kb / 13P
2A EZBuck??Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
3MHz, 2A Triple Synchronous Buck Regulator
logo
Microchip Technology
MIC28512 MICROCHIP-MIC28512 Datasheet
3Mb / 34P
70V, 2A Synchronous Buck Regulator
07/14/15
logo
Alpha & Omega Semicondu...
AOZ6622 AOSMD-AOZ6622 Datasheet
699Kb / 15P
EZBuckTM 2A Synchronous Buck Regulator
AOZ6662DI AOSMD-AOZ6662DI Datasheet
984Kb / 16P
EZBuckTM 2A Synchronous Buck Regulator
Rev. 1.2 January 2021
AOZ6682CI AOSMD-AOZ6682CI Datasheet
1Mb / 14P
EZBuck™ 2A Synchronous Buck Regulator
Rev. 1.2 May 2021
AOZ6762DI AOSMD-AOZ6762DI Datasheet
877Kb / 15P
EZBuckTM 2A 1.25MHz Synchronous Buck Regulator
Rev. 1.1 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com