Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28512 Datasheet (PDF) - Microchip Technology

MIC28512 Datasheet PDF - Microchip Technology
Part # MIC28512
Download  MIC28512 Download
File Size   3706.03 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 70V, 2A Synchronous Buck Regulator

MIC28512 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC28512 Datasheet PDF - Microchip Technology

Part # MIC28512
Download  MIC28512 Click to download

File Size   3706.03 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 70V, 2A Synchronous Buck Regulator

MIC28512 Datasheet (HTML) - Microchip Technology




Similar Part No. - MIC28512

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC28512 MICREL-MIC28512 Datasheet
532Kb / 10P
70V/2A Synchronous Buck Regulator
More results


Similar Description - MIC28512

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3843WMPBF IRF-IR3843WMPBF Datasheet
732Kb / 34P
HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
2A Synchronous Buck Regulator with Integrated MOSFETs
June 29, 2010
logo
Alpha & Omega Semicondu...
AOZ1020 AOSMD-AOZ1020 Datasheet
539Kb / 15P
EZBuck??2A Synchronous Buck Regulator
AOZ1252 AOSMD-AOZ1252 Datasheet
570Kb / 13P
2A EZBuck??Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
3MHz, 2A Triple Synchronous Buck Regulator
MIC28512 MICREL-MIC28512 Datasheet
532Kb / 10P
70V/2A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6622 AOSMD-AOZ6622 Datasheet
699Kb / 15P
EZBuckTM 2A Synchronous Buck Regulator
AOZ6662DI AOSMD-AOZ6662DI Datasheet
984Kb / 16P
EZBuckTM 2A Synchronous Buck Regulator
Rev. 1.2 January 2021
AOZ6682CI AOSMD-AOZ6682CI Datasheet
1Mb / 14P
EZBuck™ 2A Synchronous Buck Regulator
Rev. 1.2 May 2021
AOZ6762DI AOSMD-AOZ6762DI Datasheet
877Kb / 15P
EZBuckTM 2A 1.25MHz Synchronous Buck Regulator
Rev. 1.1 April 2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com