Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28512 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC28512
Description  70V, 2A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28512 Datasheet(HTML) 1 Page - Microchip Technology

  MIC28512 Datasheet HTML 1Page - Microchip Technology MIC28512 Datasheet HTML 2Page - Microchip Technology MIC28512 Datasheet HTML 3Page - Microchip Technology MIC28512 Datasheet HTML 4Page - Microchip Technology MIC28512 Datasheet HTML 5Page - Microchip Technology MIC28512 Datasheet HTML 6Page - Microchip Technology MIC28512 Datasheet HTML 7Page - Microchip Technology MIC28512 Datasheet HTML 8Page - Microchip Technology MIC28512 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005524A-page 1
MIC28512
Features
• 4.6V to 70V Operating Input Voltage Supply
• Up to 2A Output Current
• Integrated High-Side and Low-Side N-Channel
MOSFETs
• HyperLight Load (MIC28512-1) and Hyper Speed
Control (MIC28512-2) Architecture
• Enable Input and Power Good (PGOOD) Output
• Programmable Current-Limit and Foldback
“Hiccup” Mode Short-Circuit Protection
• Built-In 5V Regulator for Single-Supply Operation
• Adjustable 200 kHz to 680 kHz Switching
Frequency
• Fixed 5 ms Soft-Start
• Internal Compensation and Thermal Shutdown
• Thermally-Enhanced 24-Pin 3 mm x 4 mm
FCQFN Package
• –40°C to +125°C Junction Temperature Range
Applications
• Industrial Power Supplies
• Distributed Supply Regulation
• Base Station Power Supplies
• Wall Transformer Regulation
• High-Voltage Single-Board Systems
General Description
The MIC28512 is a synchronous step-down switching
regulator with internal power switches capable of
providing up to 2A output current from a wide input
supply range from 4.6V to 70V. The output voltage is
adjustable down to 0.8V with a guaranteed accuracy of
±1%. A constant switching frequency can be
programmed from 200 kHz to 680 kHz. The Hyper
Speed Control® and HyperLight Load® architectures of
the MIC28512 allow for high VIN (low VOUT) operation
and ultra-fast transient response while reducing the
required output capacitance and providing very good
light-load efficiency.
The MIC28512 offers a full suite of features to ensure
protection under fault conditions. These include
undervoltage lockout to ensure proper operation under
power sag conditions, internal soft-start to reduce
inrush current, foldback current-limit, “hiccup” mode
short-circuit protection and thermal shutdown.
Package Type
MIC28512
24-Pin 3 mm x 4 mm FCQFN (FL)
DL
PGND
DH
PVIN
LX
BST
PVDD
VDD
ILIM
VIN
EN
PGOOD
7
8
910
11
12
18
17
16
15
14
13
24
23
22
21
20
19
1
2
3
4
5
6
PVIN
PVIN
FB
AGND
70V, 2A Synchronous Buck Regulator


Similar Part No. - MIC28512

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC28512 MICREL-MIC28512 Datasheet
532Kb / 10P
70V/2A Synchronous Buck Regulator
More results

Similar Description - MIC28512

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3843WMPBF IRF-IR3843WMPBF Datasheet
732Kb / 34P
HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
2A Synchronous Buck Regulator with Integrated MOSFETs
June 29, 2010
logo
Alpha & Omega Semicondu...
AOZ1020 AOSMD-AOZ1020 Datasheet
539Kb / 15P
EZBuck??2A Synchronous Buck Regulator
AOZ1252 AOSMD-AOZ1252 Datasheet
570Kb / 13P
2A EZBuck??Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
3MHz, 2A Triple Synchronous Buck Regulator
MIC28512 MICREL-MIC28512 Datasheet
532Kb / 10P
70V/2A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6622 AOSMD-AOZ6622 Datasheet
699Kb / 15P
EZBuckTM 2A Synchronous Buck Regulator
AOZ6662DI AOSMD-AOZ6662DI Datasheet
984Kb / 16P
EZBuckTM 2A Synchronous Buck Regulator
Rev. 1.2 January 2021
AOZ6682CI AOSMD-AOZ6682CI Datasheet
1Mb / 14P
EZBuck™ 2A Synchronous Buck Regulator
Rev. 1.2 May 2021
AOZ6762DI AOSMD-AOZ6762DI Datasheet
877Kb / 15P
EZBuckTM 2A 1.25MHz Synchronous Buck Regulator
Rev. 1.1 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com