Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28512 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC28512
Description  70V, 2A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28512 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC28512 Datasheet HTML 5Page - Microchip Technology MIC28512 Datasheet HTML 6Page - Microchip Technology MIC28512 Datasheet HTML 7Page - Microchip Technology MIC28512 Datasheet HTML 8Page - Microchip Technology MIC28512 Datasheet HTML 9Page - Microchip Technology MIC28512 Datasheet HTML 10Page - Microchip Technology MIC28512 Datasheet HTML 11Page - Microchip Technology MIC28512 Datasheet HTML 12Page - Microchip Technology MIC28512 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005524A-page 9
MIC28512
FIGURE 2-13:
Efficiency (VIN = 48V) vs.
Output Current MIC28512-1.
FIGURE 2-14:
VIN Operating Supply
Current vs. Input Voltage MIC28512-2.
FIGURE 2-15:
Feedback Voltage vs.
Temperature MIC28512-2
FIGURE 2-16:
Output Voltage vs. Output
Current MIC28512-2.
FIGURE 2-17:
Efficiency (VIN = 12V) vs.
Output Current MIC28512-2.
FIGURE 2-18:
Efficiency (VIN = 24V) vs.
Output Current MIC28512-2.
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
5.0V
3.3V
FSW= 300kHz
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
5 10152025303540455055606570
INPUT VOLTAGE (V)
VOUT
= 5V
IOUT
= 0A
FSW
= 300kHz
0.792
0.796
0.800
0.804
0.808
0.812
-50
-25
0
25
50
75
100 125
TEMPERATURE (°C)
VIN = 12V
VOUT = 5.0V
IOUT = 0A
4.8
4.9
5.0
5.1
5.2
0.0
0.5
1.0
1.5
2.0
OUTPUT CURRENT (A)
VIN= 12V
VOUT
= 5V
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
5.0V
3.3V
FSW= 300kHz
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
5.0V
3.3V
F
SW = 300kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com