Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28512 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC28512
Description  70V, 2A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28512 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC28512 Datasheet HTML 3Page - Microchip Technology MIC28512 Datasheet HTML 4Page - Microchip Technology MIC28512 Datasheet HTML 5Page - Microchip Technology MIC28512 Datasheet HTML 6Page - Microchip Technology MIC28512 Datasheet HTML 7Page - Microchip Technology MIC28512 Datasheet HTML 8Page - Microchip Technology MIC28512 Datasheet HTML 9Page - Microchip Technology MIC28512 Datasheet HTML 10Page - Microchip Technology MIC28512 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005524A-page 7
MIC28512
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
VIN Operating Supply
Current vs. Input Voltage (MIC28512-1).
FIGURE 2-2:
VIN Shutdown Current vs.
Input Voltage.
FIGURE 2-3:
Enable Threshold vs. Input
Voltage.
FIGURE 2-4:
VIN ULVO Threshold vs.
Temperature.
FIGURE 2-5:
Output Peak Current Limit
vs. Temperature.
FIGURE 2-6:
Feedback Voltage vs.
Temperature
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.0
1.0
2.0
3.0
4.0
5.0
5 10152025 303540455055606570
INPUT VOLTAGE (V)
V
OUT = 5V
I
OUT = 0A
F
SW = 300kHz
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
5.0
18.0
31.0
44.0
57.0
70.0
INPUT VOLTAGE (V)
0.00
0.30
0.60
0.90
1.20
1.50
5 10152025303540455055606570
INPUT VOLTAGE (V)
Hyst
Falling
Rising
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN=12V
IOUT= 0A
Rising
Falling
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN= 12V
VOUT
= 5.0V
FSW= 300kHz
0.792
0.796
0.800
0.804
0.808
0.812
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN= 12V
VOUT
= 5.0V
IOUT
= 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com