Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28512 Datasheet(PDF) 24 Page - Microchip Technology

Part # MIC28512
Description  70V, 2A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28512 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MIC28512 Datasheet HTML 20Page - Microchip Technology MIC28512 Datasheet HTML 21Page - Microchip Technology MIC28512 Datasheet HTML 22Page - Microchip Technology MIC28512 Datasheet HTML 23Page - Microchip Technology MIC28512 Datasheet HTML 24Page - Microchip Technology MIC28512 Datasheet HTML 25Page - Microchip Technology MIC28512 Datasheet HTML 26Page - Microchip Technology MIC28512 Datasheet HTML 27Page - Microchip Technology MIC28512 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
MIC28512
DS20005524A-page 24
 2016 Microchip Technology Inc.
As described in the Theory of Operation subsection of
the Functional Description, the MIC28512 requires at
least 20 mV peak-to-peak ripple at the FB pin for the gM
amplifier and the error comparator to operate properly.
Also, the ripple on FB pin should be in phase with the
inductor current. Therefore, the output voltage ripple
caused by the output capacitors value should be much
smaller than the ripple caused by the output capacitor
ESR. If low-ESR capacitors, such as ceramic
capacitors, are selected as the output capacitors, a
ripple injection method should be applied to provide the
enough feedback voltage ripple. Refer to the Ripple
Injection subsection for details.
The voltage rating of the capacitor should be twice the
output voltage for a tantalum and 20% greater for
aluminum electrolytic or OS-CON. The output capacitor
RMS current is calculated in Equation 5-11.
EQUATION 5-11:
The power dissipated in the output capacitor is
calculated by using:
EQUATION 5-12:
5.5
Input Capacitor Selection
The input capacitor for the power stage input VIN
should be selected for ripple current rating and voltage
rating. Tantalum input capacitors may fail when
subjected to high inrush currents, caused by turning the
input supply on. A tantalum input capacitor’s voltage
rating should be at least two times the maximum input
voltage to maximize reliability. Aluminum electrolytic,
OS-CON, and multilayer polymer film capacitors can
handle the higher inrush currents without voltage
de-rating. The input voltage ripple will primarily depend
on the input capacitor’s ESR. The peak input current is
equal to the peak inductor current, so:
EQUATION 5-13:
The input capacitor must be rated for the input current
ripple. The RMS value of input capacitor current is
determined at the maximum output current. Assuming
the peak-to-peak inductor current ripple is low:
EQUATION 5-14:
The power dissipated in the input capacitor is:
EQUATION 5-15:
5.6
Ripple Injection
The VFB ripple required for proper operation of the
MIC28512’s gM amplifier and error comparator is
20 mV to 100 mV. However, the output voltage ripple is
generally designed as 1% to 2% of the output voltage.
If the feedback voltage ripple is so small that the gM
amplifier and error comparator can’t sense it, then the
MIC28512 will lose control and the output voltage is not
regulated. In order to have some amount of VFB ripple,
a ripple injection method is applied for low output
voltage ripple applications.
The applications are divided into three situations
according to the amount of the feedback voltage ripple:
• Enough ripple at the feedback voltage due to the
large ESR of the output capacitors (Figure 5-4).
The converter is stable without any ripple
injection.
FIGURE 5-4:
Enough Ripple at FB.
The feedback voltage ripple is:
EQUATION 5-16:
• Inadequate ripple at the feedback voltage due to
the small ESR of the output capacitors.
The output voltage ripple is fed into the FB pin
through a feed-forward capacitor, CFF in this
situation, as shown in Figure 5-5. The typical CFF
value is selected by using Equation 5-17.
I
C
OUT RMS

I
LPP

12
------------------
=
P
DISS COUT

I
COUT RMS

2
ESR
COUT
=
V
IN
I
LPK

ESR
CIN
=
I
CIN RMS

I
OUT MAX

D
1
D
–

P
DISS CIN

I
CIN RMS

2
ESR
CIN
=
V
FB PP

R2
R1
R2
+
--------------------
ESR
C
OUT
I
LPP

=
Where:
∆IL(PP)
Peak-to-Peak Value of the Inductor
Current Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com