Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28512 Datasheet(PDF) 31 Page - Microchip Technology

Part # MIC28512
Description  70V, 2A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28512 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MIC28512 Datasheet HTML 26Page - Microchip Technology MIC28512 Datasheet HTML 27Page - Microchip Technology MIC28512 Datasheet HTML 28Page - Microchip Technology MIC28512 Datasheet HTML 29Page - Microchip Technology MIC28512 Datasheet HTML 30Page - Microchip Technology MIC28512 Datasheet HTML 31Page - Microchip Technology MIC28512 Datasheet HTML 32Page - Microchip Technology MIC28512 Datasheet HTML 33Page - Microchip Technology MIC28512 Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
 2015 Microchip Technology Inc.
DS20005524A-page 31
MIC28512
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
MIC28512-1YFL:
70VIN, 2A Synchronous
Buck Regulator, HyperLight
Load
, –40°C to +125°C
Junction Temperature
Range, 24LD FQFN
b)
MIC28512-2YFL:
60VIN, 2A Synchronous
Buck Regulator, Hyper
Speed Control
, –40°C to
+125°C Junction
Temperature Range,
24LD FQFN
PART NO.
XX
Package
Device
Device:
MIC28512:
70V, 2A Synchronous Buck Regulator
Architecture:
1
=
HyperLight Load
2
=
Hyper Speed Control
Temperature:
Y
=
–40°C to +125°C
Package:
FL
=
24-Pin 3 mm x 4 mm FQFN; Note 1
X
Temperature
X
Architecture
Note 1:
FQFN is a lead-free package. Pb-Free lead
finish is Matte Tin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com