Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28512 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC28512
Description  70V, 2A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28512 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC28512 Datasheet HTML 7Page - Microchip Technology MIC28512 Datasheet HTML 8Page - Microchip Technology MIC28512 Datasheet HTML 9Page - Microchip Technology MIC28512 Datasheet HTML 10Page - Microchip Technology MIC28512 Datasheet HTML 11Page - Microchip Technology MIC28512 Datasheet HTML 12Page - Microchip Technology MIC28512 Datasheet HTML 13Page - Microchip Technology MIC28512 Datasheet HTML 14Page - Microchip Technology MIC28512 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005524A-page 11
MIC28512
FIGURE 2-25:
48V Input Thermal Derating
(MIC28512-1).
FIGURE 2-26:
Switching Frequency vs.
Input Voltage (MIC28512-1).
FIGURE 2-27:
VIN Soft Start Turn-On
MIC28512-2.
FIGURE 2-28:
VIN Shutdown
(MIC28512-2).
FIGURE 2-29:
Enable Turn-On Delay and
Rise Time (MIC28512-2).
FIGURE 2-30:
Enable Turn-Off Delay and
Rise Time (MIC28512-2).
0.0
0.5
1.0
1.5
2.0
2.5
25
40
55
70
85
100
AMBIENT TEMPERATURE (°C)
5.0V
3.3V
VIN =48V
f
SW = 300kHz
T
Jmax =125°C
Θ
JA = 30°C/W
500
510
520
530
540
550
560
570
580
590
600
7.0
16.0
25.0
34.0
43.0
52.0
61.0
70.0
INPUT VOLTAGE (V)
Time (4ms/div)
LX
(2A/div)
V
IN
(10V/div)
V
SW
(10V/div)
V
OUT
(5V/div)
V
IN = 12V
V
OUT = 5V
I
OUT = 2A
Time (2ms/div)
I
LX
(2A/div)
V
IN
(10V/div)
V
SW
(10V/div)
V
OUT
(5V/div)
V
IN = 12V
V
OUT = 5V
I
OUT = 2A
Time (2μs/div)
I
L
(1A/div)
V
EN
(2V/div)
V
OUT
(2V/div)
V
IN = 12V
V
OUT = 5V
I
OUT = 2A
Time (2ms/div)
I
L
(1A/div)
V
EN
(2V/div)
V
OUT
(2V/div)
V
IN = 12V
V
OUT = 5V
I
OUT = 2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com