Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28512 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC28512
Description  70V, 2A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28512 Datasheet(HTML) 2 Page - Microchip Technology

  MIC28512 Datasheet HTML 1Page - Microchip Technology MIC28512 Datasheet HTML 2Page - Microchip Technology MIC28512 Datasheet HTML 3Page - Microchip Technology MIC28512 Datasheet HTML 4Page - Microchip Technology MIC28512 Datasheet HTML 5Page - Microchip Technology MIC28512 Datasheet HTML 6Page - Microchip Technology MIC28512 Datasheet HTML 7Page - Microchip Technology MIC28512 Datasheet HTML 8Page - Microchip Technology MIC28512 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MIC28512
DS20005524A-page 2
 2016 Microchip Technology Inc.
Typical Application Circuit
Functional Block Diagram
MIC28512
3x4 FQFN
V
OUT
5V (0A TO 2A)
AGND
V
IN
5.5V – 70V
EN
PGND
VIN
PVDD
FREQ
VDD
FB
SW
LX
BST
ILIM
PVIN
MIC28512
SW
EN
PGND
PVIN
PGOOD
VDD
BST
V
REF
0.8V
POWER GOOD
COMPARATOR
PVDD
FREQ
M1
M2
R1
R2
R
INJ
C
INJ
C
OUT
C
IN
3.3V
C
FF
R
LIM
R
PGOOD
D
BST
C
BST
R3
R4
C
VDD
ON
OFF
PVDD
L
VIN
VOUT
VIN
DH
DL
10,
11,
22,
23,
26
1
2
12,
21,
27
5
4, 7, 8, 9, 25
6
3
LX
R
BST
18
PGND
ILIM
ZCD
17
20
19
LINEAR
REGULATOR
UVLO
16
THERMAL
SHUTDOWN
24
FIXED T
ON
ESTIMATION
SOFT-START
CONTROL
LOGIC
14
13
15
X90%
CURRENT
LIMIT
DETECTION
AGND
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com