Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28512 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC28512
Description  70V, 2A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28512 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC28512 Datasheet HTML 12Page - Microchip Technology MIC28512 Datasheet HTML 13Page - Microchip Technology MIC28512 Datasheet HTML 14Page - Microchip Technology MIC28512 Datasheet HTML 15Page - Microchip Technology MIC28512 Datasheet HTML 16Page - Microchip Technology MIC28512 Datasheet HTML 17Page - Microchip Technology MIC28512 Datasheet HTML 18Page - Microchip Technology MIC28512 Datasheet HTML 19Page - Microchip Technology MIC28512 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
MIC28512
DS20005524A-page 16
 2016 Microchip Technology Inc.
FIGURE 2-55:
MIC28512-1 Transient
Response.
FIGURE 2-56:
MIC28512-2 Transient
Response.
FIGURE 2-57:
MIC28512-1 Transient
Response.
FIGURE 2-58:
MIC28512-2 Transient
Response.
FIGURE 2-59:
MIC28512-1 Transient
Response.
FIGURE 2-60:
MIC28512-2 Transient
Response.
I
OUT = 0A to 0.6A
V
IN = 12V
V
OUT = 5V
Time (1ms/div)
I
IL
(500mA/div)
V
OUT
(AC-Coupled)
(50mV/div)
I
OUT = 0A to 0.6A
V
IN = 12V
V
OUT = 5V
Time (40μs/div)
I
IL
(500mA/div)
V
OUT
(AC-Coupled)
(50mV/div)
I
OUT = 0.6A to 1.2A
V
IN = 12V
V
OUT = 5V
Time (40μs/div)
I
IL
(0.5A/div)
V
OUT
(AC-Coupled)
(50mV/div)
I
OUT = 0.6A to 1.2A
V
IN = 12V
V
OUT = 5V
Time (40μs/div)
I
IL
(1A/div)
V
OUT
(AC-Coupled)
(50mV/div)
I
OUT = 1.2A to 2A
V
IN = 12V
V
OUT = 5V
Time (40μs/div)
I
IL
(1A/div)
V
OUT
(AC-Coupled)
(100mV/div)
I
OUT = 1.2A to 2A
V
IN = 12V
V
OUT = 5V
Time (40μs/div)
I
IL
(1A/div)
V
OUT
(AC-Coupled)
(100mV/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com