Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNK12SIP Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DNK12SIP
Description  Voltage and resistor-based trim
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNK12SIP Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DNK12SIP Datasheet HTML 1Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 2Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 3Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 4Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 5Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 6Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 7Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 8Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Delta Electronics, Inc.
DATASHEET
DS_DNK12SIP_09062016
FEATURES
High efficiency:
95% @ 12Vin, 5V/30A out (SIP)
Small size and low profile:
50.8x12.7x14.0 mm (2.00”x0.50”x0.55”)
Standard footprint
Pre-bias startup
Output voltage tracking
No minimum load required
Voltage and resistor-based trim
Output voltage programmable from
0.8Vdc to 5.5Vdc via external resistor
Fixed frequency operation
Input UVLO, Output OTP, OCP
Remote ON/OFF
Remote sense
Current sharing (optional)
ISO 9000, TL 9000, ISO 14001 certified
manufacturing facility
UL/cUL 60950-1 (US & Canada) recognized
APPLICATIONS
Telecom / DataCom
Distributed power architectures
Servers and workstations
LAN / WAN applications
Data processing applications
Delphi Series DNK12, Non-Isolated, Point of Load
DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
The Delphi series DNK12, 6V~14V input, single output, non-isolated point
of load DC/DC converters are the latest offering from a world leader in
power systems technology and manufacturing -- Delta Electronics, Inc.
The DNK12 series provides a programmable output voltage from 0.8V to
5.5V by using an external resistor. The DNK converters have flexible and
programmable tracking and sequencing features to enable a variety of
startup voltages as well as sequencing and tracking between power
modules. This product family is available in a surface mount or SIP
package and provides up to 30A of current in an industry standard
footprint. With creative design technology and optimization of component
placement, these converters possess outstanding electrical and thermal
performance and extremely high reliability under highly stressful
operating conditions.


Similar Part No. - DNK12SIP

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNK12S0A0R30NA DELTA-DNK12S0A0R30NA Datasheet
771Kb / 15P
Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
DNK12S0A0R30NA DELTA-DNK12S0A0R30NA Datasheet
1,008Kb / 15P
Output voltage tracking
DNK12S0A0R30NFA DELTA-DNK12S0A0R30NFA Datasheet
771Kb / 15P
Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
DNK12S0A0R30NFA DELTA-DNK12S0A0R30NFA Datasheet
1,008Kb / 15P
Output voltage tracking
DNK12S0A0R30NFB DELTA-DNK12S0A0R30NFB Datasheet
771Kb / 15P
Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
More results

Similar Description - DNK12SIP

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC06 DELTA-NC06 Datasheet
867Kb / 14P
Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
Voltage and resistor-based trim
DCS DELTA-DCS Datasheet
1Mb / 20P
Voltage and resistor-based trim
DNM DELTA-DNM Datasheet
943Kb / 15P
Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
Voltage and resistor-based trim
DNS04SIP06 DELTA-DNS04SIP06 Datasheet
828Kb / 16P
Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
Voltage and resistor-based trim
NC12S06A DELTA-NC12S06A Datasheet
867Kb / 14P
Voltage and resistor-based trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com