Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNK12SIP Datasheet(PDF) 13 Page - Delta Electronics, Inc.

Part # DNK12SIP
Description  Voltage and resistor-based trim
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNK12SIP Datasheet(HTML) 13 Page - Delta Electronics, Inc.

Back Button DNK12SIP Datasheet HTML 7Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 8Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 9Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 10Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 11Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 12Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 13Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 14Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 15Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DS_DNK12SIP_09062016
13
THERMAL CURVES
DNK12S0A0R30(standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin=12V Vout=3.3V (Through PCB Orientation)
0
5
10
15
20
25
30
25
30
35
40
45
50
55
60
65
70
75
80
85
Natural
Convection
Output Current (A)
Ambient Temperature (? )
100LFM
200LFM
400LFM
300LFM
600LFM
500LFM
Figure 46: Output current vs. ambient temperature and air
velocity @ Vin=12V, Vout=3.3V (Through PCB Orientation,
Airflow from Pin1 to Pin13)
DNK12S0A0R30(standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin=12V Vout=5.0V (Through PCB Orientation)
0
5
10
15
20
25
30
25
30
35
40
45
50
55
60
65
70
75
80
85
Natural
Convection
Output Current (A)
Ambient Temperature (℃)
100LFM
200LFM
400LFM
300LFM
600LFM
500LFM
Figure 47: Output current vs. ambient temperature and air
velocity @ Vin=12V, Vout=5.0V (Through PCB Orientation,
Airflow from Pin1 to Pin13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com