Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GKT-SC Datasheet(PDF) 2 Page - Kingtronics International Company

Part # GKT-SC
Description  Aluminum Electrolytic Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

GKT-SC Datasheet(HTML) 2 Page - Kingtronics International Company

  GKT-SC Datasheet HTML 1Page - Kingtronics International Company GKT-SC Datasheet HTML 2Page - Kingtronics International Company GKT-SC Datasheet HTML 3Page - Kingtronics International Company GKT-SC Datasheet HTML 4Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
STANDARD RATINGS
WV(V)
/
DxL
(mm)
10
16
25
35
50
63
80
100
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
uF
Arms
uF
Arms
uF
Arms
uF
Arms
uF
Arms
uF
Arms
uF
Arms
uF
Arms
22x25
10000
2.5
8200
2.2
5600
2.0
3300
1.8
2200
1.7
1500
1.6
1000
1.3
680
1.1
22x30
15000
3.2
10000
2.6
6800
2.3
3900
2.1
2700
1.9
2200
2.0
1200
1.5
820
1.2
22x35
18000
3.6
12000
2.9
8200
2.6
5600
2.3
3900
2.1
2700
2.2
1800
1.9
1200
1.6
22x40
22000
4.0
15000
3.3
10000
2.9
6800
2.9
4700
2.4
3300
2.3
2200
2.1
1500
1.8
22x45
--
--
18000
3.8
12000
3.3
--
--
--
3900
2.5
--
--
--
--
22x50
--
--
22000
4.2
--
--
8200
2.8
5600
2.5
--
--
2700
2.5
1800
2.1
25x25
15000
3.1
10000
2.6
6800
2.3
4700
2.2
2700
1.9
2200
2.0
1500
1.7
1000
1.4
25x30
18000
3.6
15000
3.3
10000
2.8
5600
2.3
3900
2.1
2700
2.3
1800
1.9
1200
1.6
25x35
22000
4.1
18000
3.7
12000
3.2
6800
2.6
4700
2.4
3300
2.3
2200
2.2
1500
1.7
25x40
--
--
22000
4.2
15000
3.7
8200
2.8
5600
2.5
3900
2.6
2700
2.5
1800
2.0
25x45
--
--
--
--
--
--
10000
3.1
6800
2.8
5600
3.1
3300
2.8
2200
2.2
25x50
--
--
--
--
18000
4.3
12000
3.5
8200
3.2
--
--
3900
3.1
2700
2.6
30x25
22000
4.1
15000
3.4
10000
3.0
6800
2.7
3900
2.4
3300
2.3
2200
2.2
1500
1.8
30x30
--
--
22000
4.2
12000
3.4
8200
2.8
5600
2.5
3900
2.6
2700
2.5
1800
2.1
30x35
--
--
--
--
18000
4.2
10000
3.2
6800
2.8
5600
3.2
3300
2.8
2200
2.3
30x40
--
--
--
--
22000
4.8
12000
3.5
8200
3.0
6800
3.6
3900
3.2
2700
2.7
30x45
--
--
--
--
--
--
15000
4.1
10000
3.4
--
--
4700
3.6
3300
3.0
30x50
--
--
--
--
--
--
18000
4.6
12000
3.8
8200
3.7
5600
3.5
3900
3.4
35x25
--
--
22000
4.4
15000
3.9
8200
2.9
5600
2.6
3900
2.7
2700
2.5
1800
2.2
35x30
--
--
--
--
18000
4.4
12000
3.6
8200
3.0
5600
3.3
3900
3.2
2200
2.5
35x35
--
--
--
--
22000
5.0
15000
4.1
10000
3.4
6800
3.7
4700
3.6
3300
3.1
35x40
--
--
--
--
--
--
18000
4.7
12000
3.8
8200
3.8
5600
3.5
3900
3.4
35x45
--
--
--
--
--
--
22000
5.3
--
--
10000
4.3
--
--
--
--
35x50
--
--
--
--
--
--
--
--
15000
4.5
12000
4.8
6800
4.4
4700
4.0
WV(V)
/
DxL
(mm)
160
180
200
250
315
350
400
450
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
uF
Arms
uF
Arms
uF
Arms
uF
Arms
uF
Arms
uF
Arms
uF
Arms
uF
Arms
22x25
330
1.3
270
1.2
220
1.1
180
0.94
100
0.67
82
0.64
68
0.55
--
--
22x30
390
1.5
330
1.4
330
1.4
220
1.1
150
0.85
120
0.82
100
0.70
68
0.57
22x35
560
1.9
470
1.7
390
1.6
270
1.2
180
0.96
150
0.94
120
0.79
100
0.72
22x40
680
2.1
560
1.9
470
1.8
330
1.4
220
1.1
180
1.1
150
0.90
120
0.80
22x45
--
--
--
--
560
2.0
390
1.6
270
1.2
220
1.2
180
1.0
--
--
22x50
820
2.5
680
2.3
--
--
470
1.8
--
--
--
--
220
1.1
150
0.95
25x25
390
1.5
390
1.5
330
1.4
220
1.1
150
0.85
120
0.81
100
0.70
--
--
25x30
560
1.9
470
1.7
390
1.6
330
1.4
180
0.96
150
0.94
150
0.89
100
0.73
25x35
680
2.2
560
2.0
560
2.0
390
1.6
220
1.1
220
1.2
180
1.0
120
0.83
25x40
820
2.4
680
2.2
680
2.3
470
1.8
270
1.3
--
--
220
1.2
150
0.95
25x45
1000
2.7
820
2.5
--
--
560
2.0
330
1.4
270
1.4
270
1.3
180
1.1
25x50
1200
3.1
1000
2.9
820
2.6
--
--
390
1.6
330
1.6
--
--
220
1.2
30x25
560
2.0
470
1.8
470
1.9
330
1.5
220
1.1
180
1.1
150
0.95
--
--
30x30
820
2.5
680
2.3
560
2.1
470
1.8
270
1.3
220
1.2
180
1.1
150
0.98
30x35
1000
2.8
820
2.6
680
2.4
560
2.0
330
1.4
270
1.4
220
1.2
180
1.1
30x40
1200
3.2
1000
2.9
820
2.7
680
2.3
390
1.6
390
1.7
270
1.4
220
1.3
30x45
1500
3.7
1200
3.3
1000
3.1
820
2.6
470
1.8
470
2.0
330
1.6
270
1.4
30x50
--
--
--
--
1200
3.4
--
--
560
2.0
--
--
390
1.8
--
--
35x25
820
2.4
680
2.2
560
2.0
470
1.9
270
1.3
220
1.3
180
1.2
180
1.2
35x30
1000
2.7
820
2.5
820
2.5
680
2.4
390
1.6
330
1.6
270
1.5
220
1.3
35x35
1200
3.0
1200
3.1
1000
2.8
820
2.6
470
1.8
390
1.8
330
1.7
270
1.5
35x40
1500
3.5
--
--
1200
3.2
1000
3.0
560
2.0
470
2.0
390
1.8
--
--
35x45
1800
3.9
1500
3.6
--
--
1200
3.4
680
2.3
560
2.3
470
2.1
390
1.9
35x50
2200
4.5
1800
4.1
1500
3.8
--
--
--
--
680
2.6
560
2.3
470
2.2
TKT
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
GKT-SC
Aluminum Electrolytic Capacitor–Snap-in



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com