Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GKT-SC Datasheet(PDF) 1 Page - Kingtronics International Company

Part # GKT-SC
Description  Aluminum Electrolytic Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

GKT-SC Datasheet(HTML) 1 Page - Kingtronics International Company

  GKT-SC Datasheet HTML 1Page - Kingtronics International Company GKT-SC Datasheet HTML 2Page - Kingtronics International Company GKT-SC Datasheet HTML 3Page - Kingtronics International Company GKT-SC Datasheet HTML 4Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
u Load life of 5000 hours at 85℃, equal to 80000 hours (9 years) at 45℃
u Smaller size
u High ripple current
u PCB Mounting
SPECIFICATIONS
OPERATING TEMPERATURE RANGE (℃)
-40℃ ~ +85℃
CAPACITANCE TOLERANCE (25℃, 120Hz)
±20%
LEAKAGE CURRENT (µA)
0.01CV or 1.5mA whichever is smaller. (25℃, after 5 minutes)
C: Nominal Capacitance (
μF) V: Rated Voltage (V)
DISSIPATION FACTOR (25℃, 120Hz)
Rated Voltage (V)
10
16
25
35
50
63~100
160~250
315~450
Tan
δ (Max)
0.80
0.60
0.50
0.40
0.30
0.20
0.15
0.15
TEMPERATURE STABILITY (120Hz)
Rated Voltage (V)
10
16~35
50~100
160~200
250~400
450
Impedance
Ratio
Z-25℃/Z+20℃
5
4
3
3
4
4
Z-40℃/Z+20℃
18
15
10
6
8
--
LOAD LIFE (+85℃)
Time
5000hours
Leakage Current
Not more than the specified value.
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value.
SHELF LIFE (+85℃)
After storage for 1000hours at 85℃ with no voltage applied, the capacitor shall meet the specified limits for “Load Life” after
test: UR to be applied for 60 minutes, 24 to 48 hours before measurement.
DIMENSIONS (mm)
MULTIPLIER FOR RIPPLE CURRENT
Frequency Coefficient
Frequency(Hz)
Rated Voltage(V)
50
120
1K
10K
20K
≤50
0.95
1
1.10
1.15
1.15
63~100
0.95
1
1.16
1.30
1.33
≥160
0.90
1
1.20
1.50
1.55
Temperature Coefficient
Temperature(℃)
+40
+55
+70
+85
Rated Voltage (V)
<160
2.1
1.9
1.5
1.0
≥160
1.7
1.5
1.3
1.0
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
GKT-SC
Aluminum Electrolytic Capacitor–Snap-in
FEATURES


Similar Part No. - GKT-SC

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
GKT-SD KINGTRONICS-GKT-SD Datasheet
437Kb / 4P
Aluminum Electrolytic Capacitor
GKT-SS KINGTRONICS-GKT-SS Datasheet
448Kb / 4P
Aluminum Electrolytic Capacitor?밪nap-in
GKT-ST KINGTRONICS-GKT-ST Datasheet
360Kb / 4P
Aluminum Electrolytic Capacitor?밪nap-in
More results

Similar Description - GKT-SC

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com