Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNM10SMD10 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DNM10SMD10
Description  Fixed frequency operation (300KHz)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNM10SMD10 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DNM10SMD10 Datasheet HTML 1Page - Delta Electronics, Inc. DNM10SMD10 Datasheet HTML 2Page - Delta Electronics, Inc. DNM10SMD10 Datasheet HTML 3Page - Delta Electronics, Inc. DNM10SMD10 Datasheet HTML 4Page - Delta Electronics, Inc. DNM10SMD10 Datasheet HTML 5Page - Delta Electronics, Inc. DNM10SMD10 Datasheet HTML 6Page - Delta Electronics, Inc. DNM10SMD10 Datasheet HTML 7Page - Delta Electronics, Inc. DNM10SMD10 Datasheet HTML 8Page - Delta Electronics, Inc. DNM10SMD10 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATASHEET
DS_DNM10SMD10_07182012
FEATURES
High efficiency: 93% @ 12Vin, 3.3V/10A out
Small size and low profile: (SMD)
33.0x 13.5x8.8mm (1.30
” x 0.53” x 0.35”)
Standard footprint
Voltage and resistor-based trim
Pre-bias startup
Output voltage tracking
No minimum load required
Output voltage programmable from
0.75Vdc to 5Vdc via external resistor
Fixed frequency operation (300KHz)
Input UVLO, output OTP, OCP
Remote ON/OFF
Remote sense
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing facility
UL/cUL 60950-1 (US & Canada) recognized,
and TUV (EN60950-1) certified
CE mark meets 73/23/EEC and 93/68/EEC
directive
APPLICATIONS
Telecom / DataCom
Distributed power architectures
Servers and workstations
LAN / WAN applications
Data processing applications
OPTIONS
Negative On/Off logic
Tracking feature
SMD package
Delphi DNM series Non-Isolated Point of Load
DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
The Delphi series DNM, 8.3~14V input, single output, non-isolated point
of load DC/DC converters are the latest offering from a world leader in
power systems t
echnology and manufacturing ― Delta Electronics, Inc.
The DNM series provides a programmable output voltage from 0.75V to
5.0V through an external trimming resistor. The DNM converters have
flexible and programmable tracking and sequencing features to enable
a variety of sequencing and tracking between several point of load
power modules. This product family is available in a surface mount or
SIP package and provides 10A of output current in an industry standard
footprint and pinout. With creative design technology and optimization
of component placement, these converters possess outstanding
electrical and thermal performance and extremely high reliability under
highly stressful operating conditions.
FEATURES
High efficiency: 93% @ 12Vin, 3.3V/10A out
Small size and low profile: (SMD)
33.0x 13.5x 9.7mm (1.30
” x 0.53” x 0.38”)
Surface mount packaging
Standard footprint
Voltage and resistor-based trim
Pre-bias startup
Output voltage tracking
No minimum load required
Output voltage programmable from
0.75Vdc to 5Vdc via external resistor
Fixed frequency operation (300KHz)
Input UVLO, output OTP, OCP
Remote ON/OFF
Remote sense
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing facility
UL/cUL 60950 (US & Canada), and TUV
(EN60950)
– pending
CE mark meets 73/23/EEC and 93/68/EEC-
pending
APPLICATIONS
Telecom/DataCom
Distributed power architectures
Servers and workstations
LAN/WAN applications
Data processing applications
OPTIONS
Negative On/Off logic
Tracking feature
Single-In-Line (SIP) package
Delphi DNM series Non-Isolated Point of Load
DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
The Delphi series DNM, 8.3~14V input, single output, non-isolated point
of load DC/DC converters are the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics, Inc.
The DNM series provides a programmable output voltage from 0.75V to
5.0V through an external trimming resistor. The DNM converters have
flexible and programmable tracking and sequencing features to enable
a variety of sequencing and tracking between several point of load
power modules. This product family is available in a surface mount or
SIP package and provides 10A of output current in an industry standard
footprint and pinout. With creative design technology and optimization
of component placement, these converters possess outstanding
electrical and thermal performance and extremely high reliability under
highly stressful operating conditions.


Similar Part No. - DNM10SMD10

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNM10S0A0R06NFB DELTA-DNM10S0A0R06NFB Datasheet
686Kb / 16P
Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM10S0A0R06NFD DELTA-DNM10S0A0R06NFD Datasheet
780Kb / 15P
Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM10S0A0R06NFD DELTA-DNM10S0A0R06NFD Datasheet
899Kb / 17P
Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM10S0A0R06NFD DELTA-DNM10S0A0R06NFD Datasheet
779Kb / 16P
Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM10S0A0R06NFD DELTA-DNM10S0A0R06NFD Datasheet
667Kb / 15P
Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
More results

Similar Description - DNM10SMD10

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
Fixed frequency operation
IPM24S0B0 DELTA-IPM24S0B0 Datasheet
734Kb / 14P
Fixed frequency operation
T48SR DELTA-T48SR Datasheet
439Kb / 12P
Fixed frequency operation
V48SC DELTA-V48SC Datasheet
1Mb / 17P
Fixed frequency operation
V48SR DELTA-V48SR Datasheet
877Kb / 14P
Fixed frequency operation
E48SC12010 DELTA-E48SC12010 Datasheet
970Kb / 18P
Fixed frequency operation
DNL10SIP16 DELTA-DNL10SIP16 Datasheet
826Kb / 15P
Fixed frequency operation (300KHz)
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
Fixed frequency operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com