Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNM10SMD10 Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # DNM10SMD10
Description  Fixed frequency operation (300KHz)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNM10SMD10 Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button DNM10SMD10 Datasheet HTML 6Page - Delta Electronics, Inc. DNM10SMD10 Datasheet HTML 7Page - Delta Electronics, Inc. DNM10SMD10 Datasheet HTML 8Page - Delta Electronics, Inc. DNM10SMD10 Datasheet HTML 9Page - Delta Electronics, Inc. DNM10SMD10 Datasheet HTML 10Page - Delta Electronics, Inc. DNM10SMD10 Datasheet HTML 11Page - Delta Electronics, Inc. DNM10SMD10 Datasheet HTML 12Page - Delta Electronics, Inc. DNM10SMD10 Datasheet HTML 13Page - Delta Electronics, Inc. DNM10SMD10 Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DS_DNM10SMD10_07182012
10
FEATURE DESCRIPTIONS (CON.)
The output voltage tracking feature (Figure 27 to Figure
29) is achieved according to the different external
connections. If the tracking feature is not used, the
TRACK pin of the module can be left unconnected or tied
to Vin.
For proper voltage tracking, input voltage of the tracking
power module must be applied in advance, and the
remote on/off pin has to be in turn-on status. (Negative
logic: Tied to GND or unconnected. Positive logic: Tied to
Vin or unconnected)
Figure 27: Sequential start-up
Figure 28: Simultaneous
Figure 29: Ratio-metric
PS1
PS1
PS2
PS2
PS1
PS1
PS2
PS2
Sequential Start-up
Sequential start-up (Figure 27) is implemented by placing
an On/Off control circuit between VoPS1 and the On/Off pin
of PS2.
R1
R2
VoPS1
PS1
Vin
On/Off
On/Off
PS2
VoPS2
Vin
C1
Q1
R3
Simultaneous
Simultaneous tracking (Figure 28) is implemented by
using the TRACK pin. The objective is to minimize the
voltage difference between the power supply outputs
during power up and down.
The simultaneous tracking can be accomplished by
connecting VoPS1 to the TRACK pin of PS2. Please note
the voltage apply to TRACK pin needs to always higher
than the VoPS2 set point voltage.
TRACK
VoPS1
PS2
VoPS2
PS1
Vin
Vin
On/Off
On/Off
PS1
PS2
PS1
PS2
+△V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com